Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM6352 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6352
Description  4 BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6352 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6352 Datasheet HTML 4Page - OKI electronic componets MSM6352 Datasheet HTML 5Page - OKI electronic componets MSM6352 Datasheet HTML 6Page - OKI electronic componets MSM6352 Datasheet HTML 7Page - OKI electronic componets MSM6352 Datasheet HTML 8Page - OKI electronic componets MSM6352 Datasheet HTML 9Page - OKI electronic componets MSM6352 Datasheet HTML 10Page - OKI electronic componets MSM6352 Datasheet HTML 11Page - OKI electronic componets MSM6352 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
MSM6352 l
l
交流特性
(Ta=−20∼+75℃)
項目
記号
条件
電源
電圧
Min. Typ. Max. 単位
測定
回路
tCY
3.0V
17.9
ms
サイクル時間
2.2V
180
VOUT
4.0V
260
mV
トーン出力
5.5V
330
rms
3.0V
1
2
3
dBCR
5.5V
1
2
3
dB
3.0V
5
%dIS
5.5V
5
%
歪率
tKIN
16
ms
スイッチ入力時間
tTLH1
3.0V
0.5
ms
立ち上がり,
立ち下がり時間(1)
3.0V
0.5
3.0V
0.5
ms
3.0V
10
tTLH2
立ち上がり,
立ち下がり時間(2)
f=3.579545MHz
ROW側のみ
RL=1kW
RL=1kW
O3,O4,DP OUT
CL=50pF
C1∼C4
CL=50pF
tTHL1
tTHL2
3.0V
5
ms
3.0V
10
tTLH3
立ち上がり,
立ち下がり時間(3)
O1,O2,BD,32kHz
CL=50pF
tTHL3
3.0V
1
ms
3.0V
1
tTLH4
立ち上がり,
立ち下がり時間(4)
IO1∼IO4,IOE
EO1∼EO4
CL=50pF
tTHL4
High/Lowレベル比
5
l
DTMFトーン出力周波数
基準周波数(Hz)
出力周波数(Hz)
偏差(%)
R1
R2
R3
R4
C1
C2
C3
697
699.1
+0.30
770
766.2
−0.49
852
847.4
−0.54
941
948.0
+0.74
1209
1215.9
+0.57
1336
1331.7
−0.32
1477
1471.9
−0.35
fOSC=3.579545MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com