Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM6352 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6352
Description  4 BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6352 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6352 Datasheet HTML 1Page - OKI electronic componets MSM6352 Datasheet HTML 2Page - OKI electronic componets MSM6352 Datasheet HTML 3Page - OKI electronic componets MSM6352 Datasheet HTML 4Page - OKI electronic componets MSM6352 Datasheet HTML 5Page - OKI electronic componets MSM6352 Datasheet HTML 6Page - OKI electronic componets MSM6352 Datasheet HTML 7Page - OKI electronic componets MSM6352 Datasheet HTML 8Page - OKI electronic componets MSM6352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
MSM6352 l
n
概要
MSM6352は、CMOSシリコンゲートプロセスで製造される高性能な制御用1チップマイクロコント
ローラです。従来のマイクロコンピュータでは、1チップ化が困難であったレパートリー電話に本チッ
プを使用することにより、コンパクトで高性能な電話機が簡単に実現できます。
n
特長
l
マスクROM
:2048×14ビット
l
RAM
:640×4ビット
l
I/Oポート
入出力ポート
:1ポート×4ビット
入力ポート
:3ポート×4ビット
出力ポート
:3ポート×4ビット
l
DTMF用ジェネレータ内蔵
l
プログラマブルタイマー内蔵
ダイヤパルス出力に使用
(正相/逆相、34%/40%、10pps/20pps選択可)
l
スタック
:5レベル
l
3.58MHz発振回路内蔵
l
データ管理に適した命令体系、ブロック転送命令、サーチ命令
l
命令実行時間
:17.9msec
l
STOP命令によるパワーダウン
l
ウオッチドッグタイマ
l
動作電圧
:2.0V∼5.5V(ただし、トーンモードでは2.2V∼5.5V)
l
低消費電力
l
パッケージ
28ピンプラスチックDIP(DIP28-P-600-2.54)
(製品名:MSM6352-xxRS)
40ピンプラスチックDIP(DIP40-P-600-2.54)
(製品名:MSM6352-xxRS)
42ピンプラスチックシュリンクDIP(SDIP42-P-600-1.78) (製品名:MSM6352-xxSS)
44ピンプラスチックQFP(QFP44-P-910-0.80-K)
(製品名:MSM6352-xxGS-K)
44ピンプラスチックQFP(QFP44-P-910-0.80-2K)
(製品名:MSM6352-xxGS-2K)
 注 xxはコード番号を示す
¡
電子デバイス
MSM6352
DTMFジェネレータ内蔵(電話機用)4ビットマイクロコントローラ
J2E0011-27-Y4
作成:1998年 1月
前回作成:1997年 4月


Similar Part No. - MSM6352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6351 OKI-MSM6351 Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-BK OKI-MSM6351-XXGS-BK Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-K OKI-MSM6351-XXGS-K Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-L OKI-MSM6351-XXGS-L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351L OKI-MSM6351L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
More results

Similar Description - MSM6352

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com