Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS34118CS28 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS34118CS28 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
4
Version: E1608
ELECTRICAL SPECIFICATIONS (TA = 25°C unless otherwise specified)
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
Level Detectors and Background Noise Monitors
Source current
RLO1, RLO2, TLO1,
TLO2
ILSO
--
-2.0
--
mA
Sink current
RLO1, RLO2, TLO1,
TLO2
ILSK
--
4.0
--
μA
CPR, CPT output resistance
IO=1.5mA
RCP
--
35
--
Ω
CPR, CPT leakage current
ICPLK
--
-0.2
--
μA
Filter
Voltage offset at FO
VFO-VB, 220kΩ from VB to
FI
FOVOS
-200
-90
0
mV
FO sink current
IFO
150
260
400
μA
FI bias current
IFI
--
-50
--
nA
System Distortion (f=1.0kHz)
RX mode
from FI to RXO, FO
connected to RXI
THDR
--
0.5
3.0
%
TX mode
from MCI to HTO-/HTO+,
includes TX attenuator
THDT
--
0.8
3.0
%
SIMPLIFIED BLOCK DIAGRAM
TEMPERATURE CHARACTERISTICS
PARAMETER
TYPICAL VALUE @ 25ºC
TYPICAL CHANGE -20 to +60ºC
VCC supply current (CD=0.8V)
5.0mA
-0.3%/
°C
VCC supply current (CD=2.0V)
400μA
-0.4%/
°C
VB output voltage (VCC=5.0V)
2.1V
+0.8%/
°C
Attenuator gain (Max Gain)
+6.0dB
0.0008dB/
°C
Attenuator gain (Max attenuation)
-46dB
0.004dB/
°C
Attenuator input resistance (@ TXI, RXI)
10KΩ
+0.6%/
°C
Dial tone detector threshold
15mV
+20μV/
°C
CT source, sink current
±60μA
-0.15%/
°C
Microphone, Hybrid amplifier offset
0mV
±4.0μV/
°C
Transmit-Receive switching threshold
1.0
±0.02%/
°C
Sink current at RLO1, RLO2, TLO1, TLO2
4.0μA
-10nA/
°C
Closed loop gain (HTO- to HTO+)
0 dB
0.001%/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com