Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS34118CS28 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
7
Version: E1608
APPLICATION INFORMATION
The fundamental difference between the operation of a speakerphone and a handset is that of half-duplex versus
full duplex. The handset is full duplex since con-version can occur in both directions (transmit and receive)
simultaneously. A speakerphone has higher gain levels in both paths and attempting to converse full duplex results
in oscillatory problems due to the loop that exists within the system. The loop is formed by the receive and transmit
paths, the hybrid, and the acoustic coupling (speaker to microphone). The only practical and economical solution
used to data is to design the speakerphone to function in a half-duplex mode – i.e. only one person speaks at a
time, while the other listens. To achieve this required a circuit which can detect who is talking, switch on the
appropriate path (transmit or receive) and switch off (attenuate) the other path. In this way, the loop gain is
maintained less than unity. When the talkers exchange function, the circuit must quickly detect this, and switch the
circuit appropriately. By providing speech level detectors the circuit operates in a “hands free” mode, eliminating
the need for a “push to talk” switch.
The handset by the way has the same loop as the speakerphone. But since the gains are considerably lower, and
since the acoustic compiling from the earpiece to the mouthpiece is almost nonexistent (the receiver is normally
held against a person’s eat.) oscillations don’t occur.
The TS341118 provides the necessary level detectors, attenuators, and switching control for a properly operating
speakerphone. The detection sensitivity and timing are externally controllable. Additionally, the TS34118 provides
background nodule monitor’s which make the circuit insensitive to room and line noise, hybrid amplifier, and other
associated functions, please refer to the Block Diagram (Figure 2) when reading the following sections.
Attenuators
The transmit and receive attenuators are complementary in function. i .e. when one is at maximum gain (+6.0dB),
the other is at maximum attenuation (-4.5dB), and vice versa. They sum of their gains remains constant (within a
nominal error hand of ±0.1dB) at a typical value of ~40dB (see Figure 10). Their purpose is to control the transmit
and receive paths to provide the half-duplex operation required in a speakerphone.
The attenuators are non-inverting, and have a –3.0dB (from max gain) frequency of 10kHz. The input impedance of
each attenuator (TXI and RXI) is nominally 10kΩ (see Figure 3), and the input signal should be limited to
350mVrms (990mVp-p) to prevent distortion. That maximum recommended input signal is independent of the
volume control setting. The diode clamp on the inputs the input swing, and therefore the maximum negative output
swing. This is the reason for VRXOL and VTXOL specification being defined as they are in the Electrical Characteristics.
The output impedance is 10Ω until the output current limit typically 2.5mA) is reached.
Figure 3. Attenuator Input Stage
The attenuators are controlled by the single output of the Control Block, which is measurable at the CT pin (pin 14).
When the CT pin is at +240mV with respect to VB, the circuit is in the receive mode (receive attenuator is at
+6.0dB). When the CT voltage is at -240mV with respect to VB, the circuit is in the transmit mode (transmit
attenuator is at +6.0dB). The circuit is in an idle mode when the CT voltage is equal to VB. Causing the attenuators
gain to be halfway between their fully on and fully off positions (-20dB each). Monitoring the CT voltage (with
respect to VB) is the most direct method of monitoring the circuit’s mode.
The inputs to the Control Block are seven, 2 from the comparators operated by the level detectors, 2 from the
background noise monitors, the volume control, the dial-tone detector, and the AGC circuit. These seven inputs are
described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com