Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52C2V2 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # BZT52C2V2
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZT52C2V2 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  BZT52C2V2 Datasheet HTML 1Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 2Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 3Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
BZT52C Series
500mW
SOD-123
Surface Mount Zener Diodes
21-Jul-2017 Rev. F
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Standard Zener Breakdown Voltage Range: 2.4V to
43V
Steady State Power Rating of 500 mW
Small Body Outline Dimensions: 3.70 mm x 1.60 mm
Low Body Height: 1.05 mm
Package Weight: 10.00 mg / unit
ESD Rating of Class 3 ( > 16 KV ) per Human Body
Model
MECHANICAL DATA
Case: SOD-123, Void-Free, Transfer-Molded Plastic.
Finish: All External Surfaces are Corrosion Resistant.
Maximum Case Temperature for Soldering Purpose:
260 ℃ for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
Flammability Rating: UL94V-0
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Forward Voltage @ IF=10mA
2
VF
0.9
V
Power Dissipation
1, Derate above 25°C
PD
500
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
Note:
1.
Device mounted on ceramic PCB; 7.6mm×9.4mm×0.87mm with pad areas 25mm
2.
2.
Short duration test pulse used in minimize self-heating effect.
3.
f = 1 K Hz.
SOD-123


Similar Part No. - BZT52C2V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V2 TSC-BZT52C2V2 Datasheet
219Kb / 6P
200mW, Surface Mount Zener SMD Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V2 BILIN-BZT52C2V2 Datasheet
203Kb / 5P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V2 CHENDA-BZT52C2V2 Datasheet
902Kb / 3P
SURFACE MOUNT ZENER DIODE
logo
AiT Semiconductor Inc.
BZT52C2V2 AITSEMI-BZT52C2V2 Datasheet
405Kb / 6P
ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZT52C2V2K TSC-BZT52C2V2K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
More results

Similar Description - BZT52C2V2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com