Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52C2V2 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # BZT52C2V2
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZT52C2V2 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  BZT52C2V2 Datasheet HTML 1Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 2Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 3Page - SEC Electronics Inc. BZT52C2V2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
BZT52C Series
500mW
SOD-123
Surface Mount Zener Diodes
21-Jul-2017 Rev. F
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (TA = 25°C unless otherwise specified)
ZENER VOLTAGE RANGE
2
MAXIMUM ZENER
IMPEDANCE
3
MAXIMUM REVERSE
CURRENT
2
VZ
Min
Nom
Max
@IZT
ZZT @ IZT
ZZK @ IZK
IR
VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5 mA
mV / ℃
TYPE NUMBER
MARKING
V
V
V
mA
Ω
Ω
mA
μA
V
Min
Max
BZT52C2V2
WZ
2.156 2.2
2.244
5
100
600
1
120
0.7
-3.5
0
BZT52C2V4
WX
2.2
2.4
2.6
5
100
600
1
50
1
-3.5
0
BZT52C2V7
W1
2.5
2.7
2.9
5
100
600
1
20
1
-3.5
0
BZT52C3V0
W2
2.8
3
3.2
5
95
600
1
10
1
-3.5
0
BZT52C3V3
W3
3.1
3.3
3.5
5
95
600
1
5
1
-3.5
0
BZT52C3V6
W4
3.4
3.6
3.8
5
90
600
1
5
1
-3.5
0
BZT52C3V9
W5
3.7
3.9
4.1
5
90
600
1
3
1
-3.5
0
BZT52C4V3
W6
4.0
4.3
4.6
5
90
600
1
3
1
-3.5
0
BZT52C4V7
W7
4.4
4.7
5
5
80
500
1
3
2
-3.5
0.2
BZT52C5V1
W8
4.8
5.1
5.4
5
60
480
1
2
2
-2.7
1.2
BZT52C5V6
W9
5.2
5.6
6
5
40
400
1
1
2
-2
2.5
BZT52C6V2
WA
5.8
6.2
6.6
5
10
150
1
3
4
0.4
3.7
BZT52C6V8
WB
6.4
6.8
7.2
5
15
80
1
2
4
1.2
4.5
BZT52C7V5
WC
7
7.5
7.9
5
15
80
1
1
5
2.5
5.3
BZT52C8V2
WD
7.7
8.2
8.7
5
15
80
1
0.7
5
3.2
6.2
BZT52C9V1
WE
8.5
9.1
9.6
5
15
100
1
0.5
6
3.8
7
BZT52C10
WF
9.4
10
10.6
5
20
150
1
0.2
7
4.5
8
BZT52C11
WG
10.4
11
11.6
5
20
150
11
0.1
8
5.4
9
BZT52C12
WH
11.4
12
12.7
5
25
150
1
0.1
8
6
10
BZT52C13
WI
12.4
13
14.1
5
30
170
1
0.1
8
7
11
BZT52C15
WJ
13.8
15
15.6
5
30
200
1
0.1
10.5
9.2
13
BZT52C16
WK
15.3
16
17.1
5
40
200
1
0.1
11.2
10.4
14
BZT52C18
WL
16.8
18
19.1
5
45
225
1
0.1
12.6
12.4
16
BZT52C20
WM
18.8
20
21.2
5
55
225
1
0.1
14
14.4
18
BZT52C22
WN
20.8
22
23.3
5
55
250
1
0.1
15.4
16.4
20
BZT52C24
WO
22.8
24
25.6
5
70
250
1
0.1
16.8
18.4
22
BZT52C27
WP
25.1
27
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZT52C30
WQ
28
30
32
2
80
300
0.5
0.1
21
24.4
29.4
BZT52C33
WR
31
33
35
2
80
325
0.5
0.1
23.1
27.4
33.4
BZT52C36
WS
34
36
38
2
90
350
0.5
0.1
25.2
30.4
37.4
BZT52C39
WT
37
39
41
2
130
350
0.5
0.1
27.3
33.4
41.2
BZT52C43
WU
40
43
46
5
100
700
1
0.1
32
10
12
Notes:
1.
Valid provided that device terminals are keep at ambient temperature.
2.
Test with pulses. period = 5ms, pulse width = 300μA
3.
f = 1KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com