Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR8760D Datasheet(PDF) 8 Page - STMicroelectronics

Part # M36LLR8760D
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M36LLR8760D Datasheet HTML 4Page - STMicroelectronics M36LLR8760D Datasheet HTML 5Page - STMicroelectronics M36LLR8760D Datasheet HTML 6Page - STMicroelectronics M36LLR8760D Datasheet HTML 7Page - STMicroelectronics M36LLR8760D Datasheet HTML 8Page - STMicroelectronics M36LLR8760D Datasheet HTML 9Page - STMicroelectronics M36LLR8760D Datasheet HTML 10Page - STMicroelectronics M36LLR8760D Datasheet HTML 11Page - STMicroelectronics M36LLR8760D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
8/19
a negative transition of Chip Enable or Latch En-
able is required to ensure valid data outputs.
The Reset pin can be interfaced with 3V logic with-
out any additional circuitry. It can be tied to VRPH
(refer to Table 8., Flash 1 and Flash 2 DC Charac-
teristics - Voltages).
PSRAM Chip Enable input (EP). The Chip En-
able input activates the PSRAM when driven Low
(asserted). When deasserted (VIH), the device is
disabled, and goes automatically in low-power
Standby mode or Deep Power-down mode.
PSRAM Write Enable (WP). Write Enable, WP,
controls the Bus Write operation of the PSRAM.
When asserted (VIL), the device is in Write mode
and Write operations can be performed either to
the configuration registers or to the memory array.
PSRAM Output Enable (GP). Output
Enable,
GP, provides a high speed tri-state control, allow-
ing fast read/write cycles to be achieved with the
common I/O data bus.
PSRAM Upper Byte Enable (UBP). The
Upper
Byte En-able, UBP, gates the data on the Upper
Byte Data Inputs/Outputs (DQ8-DQ15) to or from
the upper part of the selected address during a
Write or Read operation.
PSRAM Lower Byte Enable (LBP). The
Lower
Byte Enable, LBP, gates the data on the Lower
Byte Data Inputs/Outputs (DQ0-DQ7) to or from
the lower part of the selected address during a
Write or Read operation.
If both LBP and UBP are disabled (High) during an
operation, the device will disable the data bus from
receiving or transmitting data. Although the device
will seem to be deselected, it remains in an active
mode as long as EP remains Low.
PSRAM Configuration Register Enable (CRP).
When this signal is driven High, VIH, Write opera-
tions load either the value of the Refresh Configu-
ration Register (RCR) or the Bus configuration
register (BCR).
VDDF1/VDDF2 Supply Voltages. VDDF1
and
VDDF2 provide the power supply to the internal
cores of Flash 1 and Flash 2, respectively. It is the
main power supply for all Flash memory opera-
tions (Read, Program and Erase).
VCCP Supply Voltage. VCCP provides the power
supply to the internal core of the PSRAM device. It
is the main power supply for all PSRAM opera-
tions.
VDDQF Supply Voltage. VDDQF
provides
the
power supply for the Flash memory. This allows all
Outputs to be powered independently of the Flash
memory and SRAM core power supplies, VDDF
and VCCP.
VPPF Program Supply Voltage. VPPF is both a
control input and a power supply pin for the Flash
memories. The two functions are selected by the
voltage range applied to the pin.
If VPPF is kept in a low voltage range (0V to VDDQF)
VPPF is seen as a control input. In this case a volt-
age lower than VPPLK gives an absolute protection
against Program or Erase, while VPPF > VPP1 en-
ables these functions (see Tables 6 and 8, DC
Characteristics for the relevant values). VPPF is
only sampled at the beginning of a Program or
Erase; a change in its value after the operation has
started does not have any effect and Program or
Erase operations continue.
If VPPF is in the range of VPPH it acts as a power
supply pin. In this condition VPPF must be stable
until the Program/Erase algorithm is completed.
VSS Ground. VSS is the common ground refer-
ence for all voltage measurements in the Flash
(core and I/O Buffers) and PSRAM chips. It must
be connected to the system ground.
Note: Each Flash memory device in a system
should have their supply voltage (VDDF) and
the program supply voltage VPPF decoupled
with a 0.1µF ceramic capacitor close to the pin
(high frequency, inherently low inductance ca-
pacitors should be as close as possible to the
package). See Figure 6., AC Measurement
Load Circuit. The PCB track widths should be
sufficient to carry the required VPPF program
and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com