Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36LLR8760D Datasheet(PDF) 11 Page - STMicroelectronics

Part # M36LLR8760D
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M36LLR8760D Datasheet HTML 7Page - STMicroelectronics M36LLR8760D Datasheet HTML 8Page - STMicroelectronics M36LLR8760D Datasheet HTML 9Page - STMicroelectronics M36LLR8760D Datasheet HTML 10Page - STMicroelectronics M36LLR8760D Datasheet HTML 11Page - STMicroelectronics M36LLR8760D Datasheet HTML 12Page - STMicroelectronics M36LLR8760D Datasheet HTML 13Page - STMicroelectronics M36LLR8760D Datasheet HTML 14Page - STMicroelectronics M36LLR8760D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 3. Absolute Maximum Ratings
Note: 1. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK ® 7191395 specification,
and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature
–25
85
°C
TBIAS
Temperature Under Bias
–25
85
°C
TSTG
Storage Temperature
–65
125
°C
TLEAD
Lead Temperature During Soldering
(1)
°C
VIO
Input or Output Voltage
–0.5
3.6
V
VDDF1, VDDF2,
VDDQF, VCCP
Core and Input/Output Supply Voltages
–0.2
2.45
V
VPPF
Flash Program Voltage
–0.2
12.6
V
IO
Output Short Circuit Current
100
mA
tVPPFH
Time for VPPF at VPPFH
100
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com