Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWS5508 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWS5508
Description  SP4T PHEMT Transmit/Receive Antenna Switch GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5508 Datasheet(HTML) 8 Page - ANADIGICS, Inc

  AWS5508 Datasheet HTML 1Page - ANADIGICS, Inc AWS5508 Datasheet HTML 2Page - ANADIGICS, Inc AWS5508 Datasheet HTML 3Page - ANADIGICS, Inc AWS5508 Datasheet HTML 4Page - ANADIGICS, Inc AWS5508 Datasheet HTML 5Page - ANADIGICS, Inc AWS5508 Datasheet HTML 6Page - ANADIGICS, Inc AWS5508 Datasheet HTML 7Page - ANADIGICS, Inc AWS5508 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADVANCED PRODUCT INFORMATION - Rev 3
08/2001
8
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without
notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are
subject to change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are
assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges
customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS
product in any such application without written consent is prohibited.
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
http://www.anadigics.com
Mktg@anadigics.com
AWS5508
ORDERING INFORMATION
ORDER NUMBER
PACKAGE DESCRIPTION
COMPONENT PACKAGING
AWS5508S19
S19
Multipin Leadless Plastic Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com