Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWS5508 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWS5508
Description  SP4T PHEMT Transmit/Receive Antenna Switch GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5508 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWS5508 Datasheet HTML 1Page - ANADIGICS, Inc AWS5508 Datasheet HTML 2Page - ANADIGICS, Inc AWS5508 Datasheet HTML 3Page - ANADIGICS, Inc AWS5508 Datasheet HTML 4Page - ANADIGICS, Inc AWS5508 Datasheet HTML 5Page - ANADIGICS, Inc AWS5508 Datasheet HTML 6Page - ANADIGICS, Inc AWS5508 Datasheet HTML 7Page - ANADIGICS, Inc AWS5508 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
08/2001
Table 1: Pin Description
FEATURES
2.7V Control Operation
Tri-band Operation
High Isolation
High Power
High Linearity
Small Leadless Package
APPLICATIONS
SP4T Antenna switch operating in the GSM
900 MHz, DCS 1800 MHz, and PCS 1900 MHz
bands
AWS5508
SP4T PHEMT
Transmit/Receive Antenna Switch
GSM 900 MHz/DCS 1800 MHz/PCS 1900 MHz
ADVANCED PRODUCT INFORMATION - Rev 0.3
PRODUCT DESCRIPTION
The AWS5508 SP4T high power antenna switch is
designed to operate in the GSM 900Mhz, DCS
1800MHz, and PCS 1900MHz frequency bands. All 4
ports of the switch have identical electrical and
linearity performance which allows flexibility in
system design.
Switching between ports is
accomplished using 2.7 to 6 volts differential control
voltages on the 4 control pins. The switch is provided
in a leadless MLP-16 quad flat package.
S19
MLP-16 Multipin Leadless
Plastic Package
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
V1
Control for RF1 , pin 2.
9
RF3
RF port, controlled by V3.
2
RF1
RF port, controlled by V1.
10
GND
Ground connection, keep short as possible.
3
GND
Ground connection, keep short as possible.
11
GND
Ground connection, keep short as possible.
4
RF2
RF port, controlled by V2.
12
RF4
RF port, controlled by V4.
5
GND
Ground connection, keep short as possible.
13
GND
Ground connection, keep short as possible.
6
V2
Control for RF2, pin 4.
14
V4
Control for RF4, pin 12.
7
V3
Control for RF3, pin 9.
15
GND
Ground connection, keep short as possible.
8
GND
Ground connection, keep short as possible.
16
RFc
Common RF Port.
Figure 1: Pin Out Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
GND
GND
GND
GND
GND
GND
V1
V4
V2 V3
Vs
Optional
Rs
Note 3
C
b
C
b
C
b
C
b
C
b
RF
c
RF
1
RF
2
RF
3
RF
4
TOP VIEW
AWS5508
PIN 1 INDICATOR
1. DC blocking capacitors C
b
and optional
resistor Rs must be supplied externally.
2. C
b
= 100 pF for operation >500MHz.
3. The use of resistor Rs to the positive
voltage supply is optional. It is only required
if it is necessary to have all RF ports in Isolation
state at the same time. Also, using Rs will improve
linearity performance to a small degree when V
CTL
is at its lower limit. Rs = 10k
when used.


Similar Part No. - AWS5508

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
REV 0
AWS5502S14 ANADIGICS-AWS5502S14 Datasheet
194Kb / 8P
GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
Rev 1.0
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
Rev 1.0
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
REV 0
More results

Similar Description - AWS5508

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA Datasheet
71Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT30048-R2A WPI-WPANT30048-R2A Datasheet
110Kb / 3P
900 MHz GSM Omni-Directional Antenna
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
900 MHz GSM Omni-Directional Antenna
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
Suzhou Maswell Communic...
AN_GSM_108L MASWELL-AN_GSM_108L Datasheet
406Kb / 3P
4G/3G/GSM antenna 900/1800/2100/2400 MHz Slim Patch Antenna
AN_GSM_824 MASWELL-AN_GSM_824 Datasheet
415Kb / 3P
4G/3G/GSM antenna 900/1800/2100 MHz Rectangular Mini
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com