Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5116PITSSOP Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5116PITSSOP
Description  Log-Taper, 100-Tap Digitally Programmable Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5116PITSSOP Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5116PITSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Doc. No. 2118, Rev. J
CAT5116
NOTES:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V
(3) IW=source or sink
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
5.5
V
ICC1(3)
Supply Current (Increment)
VCC = 5.5V, f = 1MHz, IW=0
100
µA
VCC = 5.5V, f = 250kHz, IW=0
50
ICC2
Supply Current (Write)
Programming, VCC = 5.5V
1
mA
VCC = 3V
500
µA
ISB1
Supply Current (Standby)
CS=VCC-0.3V
0.01
1
µA
U/
D, INC=VCC-0.3V or GND
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0V
-10
µA
VIH1
TTL High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
2
VCC
V
VIL1
TTL Low Level Input Voltage
0
0.8
V
VIH2
CMOS High Level Input Voltage
2.5V
≤ VCC ≤ 5.5V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
-0.3
VCC x 0.2
V
Logic Inputs
DC ELECTRICAL CHARACTERISTICS: VCC = 2.5V to 5.5V unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC to GND ....................................... -0.5V to +7V
Inputs
CS to GND ........................ -0.5V to VCC to +0.5V
INC to GND ....................... -0.5V to VCC to +0.5V
U
/D to GND ....................... -0.5V to VCC to +0.5V
RH to GND ......................... -0.5V to VCC to +0.5V
RL to GND ......................... -0.5V to VCC to +0.5V
RW to GND ........................ -0.5V to VCC to +0.5V
Operating Ambient Temperature ........ -40
°C to +85°C
Junction Temperature (10 secs) ..................... +150
°C
Storage Temperature ...................................... +150
°C
Lead Soltering (10 sec max) ........................... +300
°C
*Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Absolute Maximum
Ratings are limited values applied individually while other param-
eters are within specified operating conditions, and functional
operation at any of these conditions is NOT implied. Device
performance and reliability may be impaired by exposure to
absolute rating conditions for extended periods of time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com