Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5116PITSSOP Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5116PITSSOP
Description  Log-Taper, 100-Tap Digitally Programmable Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5116PITSSOP Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5116PITSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5116PITSSOP Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Doc. No. 2118, Rev. J
CAT5116
Wiper-Low/High Resistances vs. Wiper Position
0
10
20
30
40
50
60
70
80
90
100
WIPER POSITION
RH-RW
RW-RL
Wiper-Low Resistance vs. Wiper Position (log scale)
0.1
1.0
10.0
100.0
Wiper Resistance vs. Wiper Voltage
0
100
200
300
400
500
600
012
3456
WIPER VOLTAGE[V]
Vcc = 4.4V
Tap 84
Vcc = 3.0V
Tap 84
Standby Supply Current vs. Temperature
0
20
40
60
80
100
-40
-15
10
35
60
85
Vcc = 5 V
Vcc = 2.5 V
TEMPERATURE [
°C]
WIPER POSITION
TYPICAL CHARACTERISTICS
VCC = 5V, TAMB = 25°C,unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com