Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5115UI-50TESSOP Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5115UI-50TESSOP
Description  32-Tap Digitally Programmable Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115UI-50TESSOP Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5115UI-50TESSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT5115
4
Doc. No. 2117, Rev. E
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance
-10 Device
10
-50 Device
50
k
Ω
-00 Device
100
Pot Resistance Tolerance
± 20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW
≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW
≤ 2µA
0.25
0.5
LSB
RWi
Wiper Resistance
VCC = 5V, IW = 1mA
400
Ω
VCC = 2.5V, IW = 1mA
1
k
Ω
IW
Wiper Current
1
mA
TCRPOT
TC of Pot Resistance
300
ppm/oC
TCRATIO
Ratiometric TC
20
ppm/oC
VN
Noise
100kHz / 1kHz
8/24
nV/
√Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10k
Ω
1.7
MHz
Potentiometer Parameters



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com