Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5115UI-50TESSOP Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5115UI-50TESSOP
Description  32-Tap Digitally Programmable Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115UI-50TESSOP Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5115UI-50TESSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 2117, Rev. E
APPLICATIONS
s Automated product calibration
s Remote control adjustments
s Offset, gain and zero control
s Tamper-proof calibrations
s Contrast, brightness and volume controls
s Motor controls and feedback systems
s Programmable analog functions
CAT5115
32-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
s 32-position, linear-taper potentiometer
s Low power CMOS technology
s Single supply operation: 2.5V-5.5V
s Increment up/down serial interface
s Resistance values: 10k
Ω
Ω
Ω
Ω
Ω, 50kΩ
Ω
Ω
Ω
Ω and 100kΩ
Ω
Ω
Ω
Ω
s Available in PDIP, SOIC, TSSOP and MSOP packages
determined by the logic state of the U/
D input. The CS
input is used to select the device.
The digitally programmable potentiometer can be
used as a three-terminal resistive divider or as a
two-terminal variable resistor. DPPs bring variability and
programmability to a wide variety of applications
including control, parameter adjustments, and
signal processing.
For a pin-compatible device that recalls a stored tap
position on power-up refer to the CAT5114 data sheet.
FUNCTIONAL DIAGRAM
DESCRIPTION
The CAT5115 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers and trim
pots. Ideal for automated adjustments on high volume
production lines, they are also well suited for
applications where equipment requiring periodic
adjustment is either difficult to access or located in a
hazardous or remote environment.
The CAT5115 contains a 32-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RW. The wiper is always set to the mid point, tap
15 at power up. The tap position is not stored in memory.
Wiper-control of the CAT5115 is accomplished with
three input control pins,
CS, U/D, and INC. The INC
input increments the wiper in the direction which is
GENERAL
DETAILED
ELECTRONIC POTENTIOMETER
IMPLEMENTATION
RH
V
W
L
R
R
H
V
V
W
L
/
/
/
(
INC)
(U/
D)
(
CS)
Control
and
Memory
INCREMENT
UP/DOWN
DEVICE SELECT
Vcc (Supply Voltage)
GENERAL
RH
V
W
L
R
R
H
V
V
W
L /
/
/
POR
GND
ALO
GEN FR
TM
LEAD FREE
ONE
OF
THIRTY TWO
DECODER
31
30
29
28
2
1
0
TRANSFER
GATES
RESISTOR
ARRAY
RH
L
R
H
V
V
L /
/
V
W
R
W
/
CONTROL
CIRCUITRY
U
/D
INC
CS
Vcc
VSS
5-BIT
UP/DOWN
COUNTER
Preliminary Information


Similar Part No. - CAT5115UI-50TESSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
CAT5115 ONSEMI-CAT5115 Datasheet
200Kb / 12P
32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
More results

Similar Description - CAT5115UI-50TESSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP)
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com