Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC86MX Datasheet(PDF) 5 Page - ON Semiconductor

Part # MM74HC86MX
Description  Quad 2-Input Exclusive OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC86MX Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HC86MX Datasheet HTML 1Page - ON Semiconductor MM74HC86MX Datasheet HTML 2Page - ON Semiconductor MM74HC86MX Datasheet HTML 3Page - ON Semiconductor MM74HC86MX Datasheet HTML 4Page - ON Semiconductor MM74HC86MX Datasheet HTML 5Page - ON Semiconductor MM74HC86MX Datasheet HTML 6Page - ON Semiconductor MM74HC86MX Datasheet HTML 7Page - ON Semiconductor MM74HC86MX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC86 • Rev. 1.4.0
4
AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
TA=25°C
TA=-40 to
+85°C
TA=-55 to
+125°C
Unit
s
Typ.
Guaranteed Limit
tPHL, tPLH Maximum Propagation Delay
CL = 15pF,
tR = tF = 6ns
5.0
12
20
ns
tPHL, tPLH Maximum Propagation Delay
CL = 50pF,
tR = tF = 6ns
2.0
60
120
151
179
ns
4.5
12
24
30
36
6.0
10
20
26
30
tTLH, tTHL
Maximum Output Rise and
Fall Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
CPD
Power Dissipation
Capacitance (per Gate)
(6)
25
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF
Note:
6.
CPD determines the no-load dynamic power consumption, PD = CPD VCC
2 f + I
CC VCC, and the no load dynamic
current consumption, IS = CPD VCC f + ICC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com