Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC86MX Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC86MX
Description  Quad 2-Input Exclusive OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC86MX Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC86MX Datasheet HTML 1Page - ON Semiconductor MM74HC86MX Datasheet HTML 2Page - ON Semiconductor MM74HC86MX Datasheet HTML 3Page - ON Semiconductor MM74HC86MX Datasheet HTML 4Page - ON Semiconductor MM74HC86MX Datasheet HTML 5Page - ON Semiconductor MM74HC86MX Datasheet HTML 6Page - ON Semiconductor MM74HC86MX Datasheet HTML 7Page - ON Semiconductor MM74HC86MX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
May 2012
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC86 • Rev. 1.4.0
MM74HC86
Quad 2-Input Exclusive OR Gate
Features
Typical Propagation Delay: 9ns
Wide Operating Voltage Range: 2–6V
Low Input Current: 1mA Maximum
Low Quiescent Current: 20mA Max. (74 Series)
Output Drive Capability: 10 LS-TTL Loads
Figure 1.
Pin Assignments (Top View)
Description
The MM74HC86 exclusive OR gate utilizes advanced
silicon-gate CMOS technology to achieve operating
speeds similar to equivalent LS-TTL gates, while
maintaining the low power consumption and high noise
immunity characteristic of standard CMOS integrated
circuits. These gates are fully buffered and have a
fanout of 10 LS-TTL loads. The 74HC logic family is
functionally as well as pin-out compatible with the
standard 74LS logic family. All inputs are protected from
damage due to static discharge by internal diode clamps
to VCC and ground.
Table 1.
Truth Table
Inputs
Outputs
A
B
Y
(1)
L
L
L
L
H
H
H
L
H
H
H
L
Note:
1.
B
A
B
A
B
A
Y
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
MM74HC86M
-40 to +85°C
14-Lead, Small Outline Integrated Circuit
(SOIC), JEDEC MS-012, 0.150" Narrow
Tube
MM74HC86MX
Tape & Reel
MM74HC86MTC
14-Lead, Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tube
MM74HC86MTCX
Tape & Reel
Note:
2.
Pb-Free package per JEDEC J-STD-020B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com