Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPUN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1232LPUN
Description  5V uP Power Supply Monitor and Reset Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LPUN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1232LPUN Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASM1232LP/LPS
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
January 2005
rev 1.5
5V µP Power Supply Monitor and Reset Circuit
General Description
The ASM1232LP/LPS is a fully integrated microprocessor
supervisor. It can halt and restart a “hung-up” microprocessor,
restart a microprocessor after a power failure. It has a
watchdog timer and external reset override.
A
precision
temperature-compensated
reference
and
comparator circuits monitor the 5V, VCC input voltage status.
During power-up or when the VCC power supply falls outside
selectable tolerance limits, both RESET and RESET become
active. When VCC rises above the threshold voltage, the reset
signals remain active for an additional 250ms minimum,
allowing the power supply and system microprocessor to
stabilize. The trip point tolerance signal, TOL, selects the trip
level tolerance to be either 5% or 10%.
Each device has both a push-pull, active HIGH reset output
and an open drain active LOW reset output. A debounced
manual reset input, PBRST, activates the reset outputs for a
minimum period of 250ms.
There is a watchdog timer to stop and restart a microprocessor
that is “hung-up”. The watchdog timeouts periods are
selectable: 150ms, 610ms and 1200ms. If the ST input is not
strobed LOW before the time-out period expires, a reset is
generated.
Devices are available in 8-pin DIP, 16-pin SO and compact 8-
pin MicroSO packages.
Key Features
•
5V supply monitor
•
Selectable watchdog period
•
Debounce manual push-button reset input
•
Precision temperature-compensated voltage reference
and comparator.
•
Power-up, power-down and brown out detection
•
250ms minimum reset time
•
Active LOW open drain reset output and active HIGH
push-pull output
•
Selectable trip point tolerance: 5% or 10%
•
Low-cost surface mount packages: 8-pin/16-pin SO, 8-pin
DIP and 8-pin Micro SO packages
•
Wide operating temperature -40°C to +85°C (N suffixed
devices)
Applications
•
Microprocessor Systems
•
Computers
•
Controllers
•
Portable Equipment
•
Intelligent Instuments
•
Automotive Systems
Typical Operating Circuit
Block Diagram
ASM1232LP/LPS
ST
RESET
GND
TD
TOL
I/O
RESET
µP
10k
Ω
+5V
Tolerance Selection
Reference
Push Button
Voltage Sense
Watchdog Transition
Reset &
Debounce
Comparators
Detector
Watchdog Timer
+
-
RESET
RESET
PBRST
ST
TD
TOL
VCC
GND
40k
Ω
VCC
ASM1232LP/LPS


Similar Part No. - ASM1232LPUN

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1232LPUN PULSECORE-ASM1232LPUN Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPUN ONSEMI-ASM1232LPUN Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1232LPUNF PULSECORE-ASM1232LPUNF Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LPUNF ONSEMI-ASM1232LPUNF Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
More results

Similar Description - ASM1232LPUN

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1232LP IMP-IMP1232LP Datasheet
104Kb / 7P
5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
3.3V UP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
3.3V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com