Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPUN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM1232LPUN
Description  5V uP Power Supply Monitor and Reset Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LPUN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM1232LPUN Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1232LPUN Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ASM1232LP/LPS
6 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
January 2005
rev 1.5
Notes
1. PBRST is internally pulled HIGH to VCC through a nominal 40kΩ resistor.
2. RESET is an open drain output.
3. RESET remains within 0.5V of VCC on power-down until VCC falls below 2V. RESET remains within 0.5V of ground on power-down until VCC
falls below 2.0V.
4. Must not exceed the minimum watchdog time-out period (tTD). The watchdogcircuit cannot be disabled. To avoid a reset, ST must be strobed.
Input Leakage
IIL
Note 1
-1.0
1.0
µA
RESET Low Level
VOL
Note 3
0.4
V
Internal Pull-up Resistor
Note 1
40
k
Ω
Operating Current (CMOS)
ICC1
30
µA
Input Capacitance
CIN
5pF
Output Capacitance
COUT
10
pF
PBRST Manual Reset
Minimum Low Time
tPB
PBRST = VIL
20
ms
Reset Active Time
tRST
250
610
1000
ms
ST Pulse Width
tST
Note 4
20
ns
VCC Fail Detect to RESET or
RESET
tRPD
58
µs
VCC Slew Rate
tF
4.75V to 4.25V
300
µs
PBRST Stable LOW to RESET and
RESET Active
tPDLY
20
ms
VCC Detect to RESET or RESET
inactive
tRPU
tRISE = 5µs
250
610
1000
ms
VCC Slew Rate
tR
4.25V to 4.75V
0
ns
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com