Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM548262-60JS Datasheet(PDF) 28 Page - OKI electronic componets

Part # MSM548262-60JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-60JS Datasheet(HTML) 28 Page - OKI electronic componets

Back Button MSM548262-60JS Datasheet HTML 24Page - OKI electronic componets MSM548262-60JS Datasheet HTML 25Page - OKI electronic componets MSM548262-60JS Datasheet HTML 26Page - OKI electronic componets MSM548262-60JS Datasheet HTML 27Page - OKI electronic componets MSM548262-60JS Datasheet HTML 28Page - OKI electronic componets MSM548262-60JS Datasheet HTML 29Page - OKI electronic componets MSM548262-60JS Datasheet HTML 30Page - OKI electronic componets MSM548262-60JS Datasheet HTML 31Page - OKI electronic componets MSM548262-60JS Datasheet HTML 32Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
¡ Semiconductor
MSM548262
28/37
Write Mask Data/Data Input and Output: DQ1 - DQ8
In conventional write-per bit mode, the DQ pins function as mask data at the falling edge of RAS.
Data is written only to high DQ pins. Data on low DQ pins is masked and internal data is retained.
After that, they function as input/output pins similar to a standard DRAM.
Serial Clock: SC
SC is a main serial cycle control input signal. All operations of the SAM port are synchronized
with the serial clock SC. Data is shifted in or out of the SAM registers at the rising edge of SC. In
a serial read cycle, the output data becomes valid on the SDQ pins after the maximum specified
serial access time tSCA from the rising edge of SC.
In a serial write cycle, data on SDQ pins at the rising edge of SC are fetched into the SAM register.
Serial Enable:
SE
The SE is a serial access enable control and serial read/write control signal. In a serial read cycle,
SE is used as an output control. In a serial write cycle, SE is used as a write enable control. When
SE is "high", serial access is disabled. However, the serial address pointer location is still
incremented when SC is clocked even when SE is "high".
Special Function Input: DSF
The DSF is latched at the falling edge of RAS and CAS. It allows for the selection of several RAM
ports and transfer operating modes. In addition to the conventional multiport DRAM, the special
functions consisting of flash write, block write, load/read color register, and split read/write
transfer can be invoked.
Special Function Output: QSF
QSF is an output signal, which during split register mode indicates which half of the split SAM
is being accessed. QSF "low" indicates that the lower split SAM (0 - 255) is being accessed. QSF
"high" indicates that the upper SAM (256 - 511) is being accessed.
Serial Input/Output: SDQ1 - SDQ8
Serial input/output mode is determined by the most recent read or write transfer cycle. When
a read transfer cycle is performed, the SAM port is in the output mode. When a write transfer
cycle is performed, the SAM port is switched from output mode to input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com