Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM548262-60JS Datasheet(PDF) 30 Page - OKI electronic componets

Part # MSM548262-60JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-60JS Datasheet(HTML) 30 Page - OKI electronic componets

Back Button MSM548262-60JS Datasheet HTML 26Page - OKI electronic componets MSM548262-60JS Datasheet HTML 27Page - OKI electronic componets MSM548262-60JS Datasheet HTML 28Page - OKI electronic componets MSM548262-60JS Datasheet HTML 29Page - OKI electronic componets MSM548262-60JS Datasheet HTML 30Page - OKI electronic componets MSM548262-60JS Datasheet HTML 31Page - OKI electronic componets MSM548262-60JS Datasheet HTML 32Page - OKI electronic componets MSM548262-60JS Datasheet HTML 33Page - OKI electronic componets MSM548262-60JS Datasheet HTML 34Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
¡ Semiconductor
MSM548262
30/37
RAM PORT OPERATION
RAM Read Cycle:
RAS falling edge --- TRG = CAS = "H", DSF = "L"
CAS falling edge --- DSF = "L"
Row address is entered at the falling edge of RAS and column address at the falling edge of CAS
to the device as in conventional DRAM. When the WE is "high" and TRG is "low" while CAS is
"low", the data outputs through DQ pins.
RAM Write Cycle:
RAS falling edge --- TRG = CAS = "H", DSF = "L"
CAS falling edge --- DSF = "L"
1) Write cycle with no mask: RAS falling edge -- WE = "H"
If WE is set "low" at the falling edge of CAS after RAS goes "low" a write cycle is excuted. If WE
is set "low" before the CAS falling edge, this cycle becomes an early write cycle, and all DQ pins
attain high impedance. All 8 data are latched on the falling edge of CAS.
If WE is set "low" after the CAS falling edge, this cycle becomes a late write cycle, and all 8 data
are latched on the falling edge of WE.
2) Write cycle with mask: RAS falling edge -- WE = "L"
If WE is set "low" at the falling edge of RAS, the mask write mode can be invoked.
Mask data is loaded and used. The mask data on DQ1 - DQ8 is latched into the write mask register
at the falling edge of RAS. When the mask data is low, writing is inhibited into the RAM and the
mask data is high, data is written into the RAM. This mask data is in effect during the RAS cycle.
In page mode cycle the mask data is retained during page access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com