Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM548262-70JS Datasheet(PDF) 31 Page - OKI electronic componets

Part # MSM548262-70JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-70JS Datasheet(HTML) 31 Page - OKI electronic componets

Back Button MSM548262-70JS Datasheet HTML 27Page - OKI electronic componets MSM548262-70JS Datasheet HTML 28Page - OKI electronic componets MSM548262-70JS Datasheet HTML 29Page - OKI electronic componets MSM548262-70JS Datasheet HTML 30Page - OKI electronic componets MSM548262-70JS Datasheet HTML 31Page - OKI electronic componets MSM548262-70JS Datasheet HTML 32Page - OKI electronic componets MSM548262-70JS Datasheet HTML 33Page - OKI electronic componets MSM548262-70JS Datasheet HTML 34Page - OKI electronic componets MSM548262-70JS Datasheet HTML 35Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
¡ Semiconductor
MSM548262
31/37
Load/Read Color Register:
RAS falling edge --- CAS = TRG = WE = DSF = "H"
CAS falling edge --- DSF = "H"
The MSM548262 is provided with an on-chip 8-bit color register for use during the flash write or
block write operation. Each bit of the color register corresponds to one of the DRAM I/O blocks.
The data presented on the DQi lines is subsequently latched into the color register at the falling
edge of either CAS or WE whichever occurs later.
The read color register cycle is activated by holding WE "high" at the falling edge of CAS, and
throughout the remainder of the cycle. The data in the color register becomes valid on the DQi
lines after the specified access times from RAS and TRG are satisfied.
During the load/read color register cycle, the memory cells on the row address latched at the
falling edge of RAS are refreshed.
Flash Write:
RAS falling edge --- CAS = TRG = DSF = "H", WE = "L"
Flash write allows for the data in the color register to be written into all the memory locations of
a selected row.
Each bit of the color register corresponds to one of the DRAM I/O blocks. The flash write
operation can be selectively controlled on an I/O basis in the same manner as the write per bit
operation. The mask data is the same as that of a RAM write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com