Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM548262-70JS Datasheet(PDF) 35 Page - OKI electronic componets

Part # MSM548262-70JS
Description  262,144-Word x 8-Bit Multiport DRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548262-70JS Datasheet(HTML) 35 Page - OKI electronic componets

Back Button MSM548262-70JS Datasheet HTML 29Page - OKI electronic componets MSM548262-70JS Datasheet HTML 30Page - OKI electronic componets MSM548262-70JS Datasheet HTML 31Page - OKI electronic componets MSM548262-70JS Datasheet HTML 32Page - OKI electronic componets MSM548262-70JS Datasheet HTML 33Page - OKI electronic componets MSM548262-70JS Datasheet HTML 34Page - OKI electronic componets MSM548262-70JS Datasheet HTML 35Page - OKI electronic componets MSM548262-70JS Datasheet HTML 36Page - OKI electronic componets MSM548262-70JS Datasheet HTML 37Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
¡ Semiconductor
MSM548262
35/37
Split Data Transfer and QSF
The MSM548262 features a bidirectional split data transfer capability between the RAM and
SAM. During split data transfer operation, the serial register is split into two halves which can
be controlled independently. Split read or split write transfer operation can be performed to or
from one half of the serial register, while serial data can be shifted into or out of the other half of
the serial register. The most significant column address location (A8C) is controlled internally to
determines which half of the serial register will be reloaded from the RAM. QSF is an output
which indicates which half of the serial register is in an active state. QSF changes state when the
last SC clock is applied to active split SAM.
Split Read Transfer:
RAS falling edge --- CAS = WE = DSF = "H", TRG = "L"
Split read transfer consists of loading 256 words by 8 bits of data from a selected row of the split
RAM into the corresponding non-active split SAM register. Serial data can be shifted out from
the other half of the split SAM register simultaneously. During split read transfer operation, the
RAM port input clocks do not have to be synchronized with the serial clock SC, thus eliminating
timing restrictions as in the case of real time read transfers. A split read transfer can be performed
after a delay of tSTS from the change of state of the QSF output is satisfied.
Conventional (non-split) read transfer operation must precede split read transfer cycles.
Masked Split Write Transfer:
RAS falling edge --- CAS = DSF = "H", TRG = WE ="L"
Split write transfer consists of loading 256 words by 8 bits of data from the non-active split SAM
register into a selected row of the corresponding split RAM. Serial data can be shifted into the
other half of the split SAM register simultaneously. During split write transfer operation, the
RAM port input clocks do not have to be synchronized with the serial clock SC, thus allowing
for real time transfer. This write transfer operation, which is the same as a mask write operation
in RAM, can be selectively controlled for 8 DQis by inputing the mask data from DQ1 - DQ8 at
the falling edge of RAS.
A split write transfer can be performed after a delay of tSTS from the change of state of the QSF
output is satisfied.
A masked write transfer operation must precede split write transfer. The purpose is to switch the
SAM port from output mode to input mode, and to set the initial TAP location prior to split write
transfer operations.
POWER UP
Power must be applied to the RAS and TRG input signals to pull them "high" before, or at the
same time as, the VCC supply is turned on. After power-up, a pause of 200 ms minimum is
required with RAS and TRG held "high". After the pause, a minimum of 8 RAS and 8 SC dummy
cycles must be performed to stabilize the internal circuitry, before valid read, write or transfer
operations can begin. During the initialization period, the TRG signal must be held "high". If the
internal refresh counter is used, a minimum 8 CAS before RAS cycles are required instead of 8
RAS cycles.
(NOTE) INITIAL STATE AFTER POWER UP
The initial state can not be guaranteed for various power up conditions and input signal levels.
Therefore, it is recommended that the initial state be set after the initialization of the device is
performed and before valid operations begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com