Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP68H-2 Datasheet(PDF) 3 Page - CUI INC

Part # CP68H-2
Description  PELTIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP68H-2 Datasheet(HTML) 3 Page - CUI INC

  CP68H-2 Datasheet HTML 1Page - CUI INC CP68H-2 Datasheet HTML 2Page - CUI INC CP68H-2 Datasheet HTML 3Page - CUI INC CP68H-2 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 05/21/2018
│ page 3 of 4
CUI Inc
│ SERIES: CP68H-2 │ DESCRIPTION: PELTIER MODULE
16
12
8.0
4.0
0
30
20
10
0
90
80
70
60
30
20
10
0
ΔT=Th-Tc (°C)
40
40
50
1.36 A
2.72 A
4.08 A
6.8 A 5.44 A
1.36 A
2.72 A
4.08 A
5.44 A
6.8 A
PERFORMANCE (Th=27°C)
16
12
8.0
4.0
0
30
20
10
0
90
80
70
60
30
20
10
0
ΔT=Th-Tc (°C)
40
40
50
1.36 A
2.72 A
6.8 A
5.44 A
2.72 A
4.08 A
5.44 A
6.8 A
1.36 A
4.08 A
PERFORMANCE (Th=50°C)
For more information, please visit the product page
|
For information on related products, view our Thermal Pads



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com