Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP68H-2 Datasheet(PDF) 1 Page - CUI INC

Part # CP68H-2
Description  PELTIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP68H-2 Datasheet(HTML) 1 Page - CUI INC

  CP68H-2 Datasheet HTML 1Page - CUI INC CP68H-2 Datasheet HTML 2Page - CUI INC CP68H-2 Datasheet HTML 3Page - CUI INC CP68H-2 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 05/21/2018
page 1 of 4
SERIES: CP68H-2
│ DESCRIPTION: PELTIER MODULE
FEATURES
• arcTEC™ structure
• solid state device
• 2-stage cooler
• precise temperature control
• silent operation
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP68475H-2
16
6.8
2.12
40
45
85
95
Notes:
1.MaximumvoltageatΔTmaxandT
h=27°C
2.MaximumcurrenttoachieveΔTmax
3.MeasuredbyAC4-terminalmethodat25°C
4.MaximumheatabsorbedatcoldsideoccursatI
max, Vmax,and∆T=0°C
5.MaximumtemperaturedifferenceoccursatI
max, Vmax,andQ=0W(ΔTmaxmeasuredinavacuumat1.3Pa)
For more information, please visit the product page
|
For information on related products, view our Thermal Pads


Similar Part No. - CP68H-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
PNP - Silicon RF Transistor Die 50mA, 20 Volt
CP688-2N5115 CENTRAL-CP688-2N5115 Datasheet
310Kb / 3P
P-Channel JFET Die
R0 17-July 2017
logo
TE Connectivity Ltd
CP6893-000 TEC-CP6893-000 Datasheet
637Kb / 2P
Raychem S200 Shield Terminators
07/17
More results

Similar Description - CP68H-2

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com