Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XP02401 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # XP02401
Description  Silicon PNP epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP02401 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  XP02401 Datasheet HTML 1Page - Panasonic Semiconductor XP02401 Datasheet HTML 2Page - Panasonic Semiconductor XP02401 Datasheet HTML 3Page - Panasonic Semiconductor XP02401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XP02401
3
SJJ00155BED
NF
 I
E
NF
 I
E
h parameter
 I
E
h parameter
 V
CE
0
6
5
4
3
2
1
Emitter current I
E (mA)
10−2
10−1
110
VCB
= −5 V
f
= 1 kHz
Rg
= 2 kΩ
Ta
= 25°C
0
20
2
18
4
6
8
10
12
14
16
Emitter current I
E (mA)
10−1
110
VCB
= −5 V
Rg
= 50 kΩ
Ta
= 25°C
f
= 100 Hz
10 kHz
1 kHz
Emitter current I
E (mA)
1
10−1
10
102
110
VCE
= −5 V
f
= 270 Hz
Ta
= 25°C
hfe
hoe (
µS)
hie (k
Ω)
hre (
× 10−4)
Collector-emitter voltage V
CE (V)
1
−1
10
102
−10
−102
hfe
hoe (
µS)
hie (k
Ω)
hre (
× 10−4)
IE
= 2 mA
f
= 270 Hz
Ta
= 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com