Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XP02401 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP02401
Description  Silicon PNP epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP02401 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP02401 Datasheet HTML 1Page - Panasonic Semiconductor XP02401 Datasheet HTML 2Page - Panasonic Semiconductor XP02401 Datasheet HTML 3Page - Panasonic Semiconductor XP02401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XP02401
2
SJJ00155BED
PT  Ta
IC  VCE
IC  IB
IB  VBE
IC  VBE
VCE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
0
160
40
120
80
0
250
100
200
50
150
Ambient temperature T
a (°C)
0
0
−4
−8
−12
−16
−60
−50
−40
−30
−20
−10
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= − 300 µA
−250 µA
−200 µA
−150 µA
−100 µA
−50 µA
0
0
−100
−200
−300
−400
−60
−50
−40
−30
−20
−10
Base current I
B (µA)
VCE
= −5 V
Ta
= 25°C
0
0
−0.4
−0.8
−1.2
−1.6
−400
−350
−300
−250
−200
−150
−100
−50
Base-emitter voltage V
BE (V)
VCE
= −5 V
Ta
= 25°C
0
0
−2.0
−1.6
−1.2
−0.8
−0.4
−240
−200
−160
−120
−80
−40
Base-emitter voltage V
BE (V)
VCE
= −5 V
Ta
= 75°C
−25°C
25
°C
Collector current I
C (mA)
−10−3
−1
−10−2
−10−1
−1
−10
−10
−102
−103
IC / IB
= 10
Ta = 75
°C
25
°C
−25°C
0
600
500
400
300
200
100
Collector current I
C (mA)
−1
−10
−102
−103
VCE
= –10 V
Ta
= 75°C
25
°C
−25°C
0
40
80
120
160
140
100
60
20
Emitter current I
E (mA)
10−1
110
102
VCB =
−10 V
Ta = 25
°C
0
8
7
6
5
4
3
2
1
Collector-base voltage V
CB (V)
−1
−10
−102
f
= 1 MHz
IE
= 0
Ta
= 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com