Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4420E/SPSTQP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F4420E/SPSTQP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4420E/SPSTQP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F4420E/SPSTQP Datasheet HTML 7Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 8Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 9Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 10Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 11Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 12Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 13Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 14Page - Microchip Technology PIC18F4420E/SPSTQP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 9
PIC18F2420/2520/4420/4520
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F2420
PIC18F2520
PIC18F4420
PIC18F4520
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
16384
32768
16384
32768
Program Memory
(Instructions)
8192
16384
8192
16384
Data Memory (Bytes)
768
1536
768
1536
Data EEPROM Memory (Bytes)
256
256
256
256
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, D, E
Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM Modules
2
2
1
1
Enhanced
Capture/Compare/PWM Modules
00
11
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
No
No
Yes
Yes
10-bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
13 Input Channels
13 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
28-pin PDIP
28-pin SOIC
28-pin QFN
28-pin PDIP
28-pin SOIC
28-pin QFN
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com