Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLSX4401DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSX4401DFT2G
Description  1-Bit 20 Mb/s Dual-Supply Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4401DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLSX4401DFT2G Datasheet HTML 1Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 2Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 3Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 4Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 5Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 6Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 7Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 8Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NLSX4401DFT2G
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VL = 1.65 V to 5.5 V and VCC = 1.65 V to 5.5 V, unless otherwise specified) (Note 1)
Symbol
Parameter
Test Conditions (Note 2)
−55
5C to +1255C
Unit
Min
Typ
Max
VIHC
I/O VCC Input HIGH Voltage
VCC – 0.4
−
−
V
VILC
I/O VCC Input LOW Voltage
−
−
0.15
V
VIHL
I/O VL Input HIGH Voltage
VL – 0.4
−
−
V
VILL
I/O VL Input LOW Voltage
−
−
0.15
V
VIH
Control Pin Input HIGH Voltage
0.65 * VL
−
−
V
VIL
Control Pin Input LOW Voltage
VL = 1.65 V to 1.95 V
VL = 2.3 V to 5.5 V
−
−
−
−
0.25 * VL
0.35 * VL
V
VOHC
I/O VCC Output HIGH Voltage
I/O VCC source current = 20 mA
2/3 * VCC
−
−
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC sink current = 1 mA
−
−
0.4
V
VOHL
I/O VL Output HIGH Voltage
I/O VL source current = 20 mA
2/3 * VL
−
−
V
VOLL
I/O V
L Output LOW Voltage
I/O VL sink current = 1 mA
−
−
0.4
V
IQVCC
VCC Supply Current
I/O VCC and I/O VL unconnected, VEN = VL
VL = 5.5 V, VCC = 0 V
VL = 0 V, VCC = 5.5 V
−
−
−
0.5
−
−
3.0
−1.0
1.0
mA
IQVL
V
L Supply Current
I/O VCC and I/O VL unconnected, VEN = VL
VL = 5.5 V, VCC = 0 V
V
L = 0 V,
V
CC = 5.5 V
−
−
−
0.3
−
−
3.0
1.0
−1.0
mA
ITS−VCC VCC Tristate Output Mode
I/O VCC and I/O VL unconnected, VEN = GND
−
0.1
1.5
mA
ITS−VL
VL Tristate Output Mode Supply
Current
I/O VCC and I/O VL unconnected, VEN = GND
−
0.1
1.5
mA
II
Enable Pin Input Leakage Current
−
−
1.0
mA
IOFF
I/O Power
-Off Leakage Current
I/O VCC Port, VCC = 0 V, VL = 0 to 5.5 V
−
−
1.0
mA
I/O VL Port, VCC = 0 to 5.5 V, VL = 0 V
−
−
1.0
IOZ
I/O Tristate Output Mode
Leakage Current
−
0.1
1.0
mA
RPU
Pull−Up Resistors
I/O VL and VC
−
10
−
k
Ω
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Typical values are for VL = +1.8 V, VCC = +3.3 V and TA = +25°C.
2. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com