Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NLSX4401DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSX4401DFT2G
Description  1-Bit 20 Mb/s Dual-Supply Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4401DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX4401DFT2G Datasheet HTML 1Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 2Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 3Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 4Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 5Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 6Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 7Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 8Page - ON Semiconductor NLSX4401DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NLSX4401DFT2G
www.onsemi.com
5
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS
(I/O test circuit of Figures 3 and 4, CLOAD = 15 pF, driver output impedance ≤ 50 W, RLOAD = 1 MW)
Symbol
Parameter
Test Conditions
−40
5C to +855C
(Notes 3 & 4)
Unit
Min
Typ
Max
VL = 1.65 V, VCC = 1.65 V
tRVCC
I/O VCC Rise Time
9
32
ns
tFVCC
I/O VCC Fall Time
11
20
ns
tRVL
I/O VL Rise Time
20
30
ns
tFVL
I/O VL Fall Time
10
13
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
7
16
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
12
15
ns
tPZL, tPZH
Enable Time
269
ns
tPLZ, tPHZ
Disable Time
300
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
15
Mbps
VL = 1.65 V, VCC = 5.5 V
tRVCC
I/O VCC Rise Time
9
12
ns
tFVCC
I/O VCC Fall Time
17
30
ns
tRVL
I/O VL Rise Time
8
10
ns
tFVL
I/O VL Fall Time
5
9
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
14
24
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
4
6
ns
tPZL, tPZH
Enable Time
66
ns
tPLZ, tPHZ
Disable Time
250
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
20
Mbps
VL = 1.8 V, VCC = 2.8 V
tRVCC
I/O VCC Rise Time
11
18
ns
tFVCC
I/O VCC Fall Time
10
15
ns
tRVL
I/O VL Rise Time
12
15
ns
tFVL
I/O VL Fall Time
5
8
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
7
10
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
1
12
ns
tPZL, tPZH
Enable Time
100
ns
tPLZ, tPHZ
Disable Time
300
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
20
Mbps
VL = 2.5 V, VCC = 3.6 V
tRVCC
I/O VCC Rise Time
8
12
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product perfor-
mance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Typical values are for the specified VL and VCC at TA = +25°C. All units are production tested at TA = +25°C.
4. Limits over the operating temperature range are guaranteed by design.
5. Skew is the variation of propagation delay between output signals and applies only to output signals on the same port (I/O_VLn or I/O_VCCn)
and switching with the same polarity (LOW−to−HIGH or HIGH−to−LOW). Skew is defined by applying a single input to the two input channels
and measuring the difference in propagation delays between the output channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com