Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM66577 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 5Page - OKI electronic componets MSM66577 Datasheet HTML 6Page - OKI electronic componets MSM66577 Datasheet HTML 7Page - OKI electronic componets MSM66577 Datasheet HTML 8Page - OKI electronic componets MSM66577 Datasheet HTML 9Page - OKI electronic componets MSM66577 Datasheet HTML 10Page - OKI electronic componets MSM66577 Datasheet HTML 11Page - OKI electronic componets MSM66577 Datasheet HTML 12Page - OKI electronic componets MSM66577 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
9/34
Function
Symbol
Type
Description
V
DD
I
Power supply pin
Connect all V
DD pins to the power supply.*
GND
I
GND pin
Connect all GND pins to GND.*
V
REF
I
Analog reference voltage pin
Power
supply
AGND
I
Analog GND pin
XT0
I
Sub clock oscillation input pin
Connect to a crystal oscillator of f = 32.768 kHz.
XT1
O
Sub clock oscillation output pin
Connect to a crystal oscillator of f = 32.768 kHz.
The clock output is opposite in phase to XT0.
OSC0
I
Main clock oscillation input pin
Connect to a crystal or ceramic oscillator. Or, input an external
clock.
Oscillation
OSC1
O
Main clock oscillation output pin
Connect to a crystal or ceramic oscillator.
The clock output is opposite in phase to OSC0.
Leave this pin unconnected when an external clock is used.
Reset
RES
I
Reset input pin
NMI
I
Non-maskable interrupt input pin
EA
I
External program memory access input pin
If the
EA pin is enabled (low level), the internal program memory is
masked and the CPU executes the program code in external
program memory through all address space.
Other
SELMBUS
I
SELMBUS = H: Address/data separate bus type
SELMBUS = L: Multiplexed bus type
* Each of the family devices has unique pattern routes for the internal power and ground. Connect the
power supply voltage to all V
DD pins and the ground potential to all GND pins. If a device may have one
or more V
DD or GND pins to which the power supply voltage or the ground potential is not connected, it
can not be guaranteed for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com