Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM66577 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM66577 Datasheet HTML 1Page - OKI electronic componets MSM66577 Datasheet HTML 2Page - OKI electronic componets MSM66577 Datasheet HTML 3Page - OKI electronic componets MSM66577 Datasheet HTML 4Page - OKI electronic componets MSM66577 Datasheet HTML 5Page - OKI electronic componets MSM66577 Datasheet HTML 6Page - OKI electronic componets MSM66577 Datasheet HTML 7Page - OKI electronic componets MSM66577 Datasheet HTML 8Page - OKI electronic componets MSM66577 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PEDL66577-01
1Semiconductor
This version: Apr. 2000
MSM66577 Family
Preliminary
16-Bit Microcontroller
1/34
GENERAL DESCRIPTION
The MSM66577 family of highly functional CMOS 16-bit single chip microcontrollers utilizes the nX-8/500S,
Oki’s proprietary CPU core.
Four channels of serial ports, consisting of two channels of synchronous serial ports with 32-byte FIFO registers
and two channels of UART/synchronous serial ports, enable easy interfacing with external peripheral LSI devices
such as an encoder/decoder or servocontroller.
A switching function permits selection of separate address and data lines or multiplexed lines for the external bus
interface to correspond to various peripheral LSI devices.
With features such as a clock gear function, dual clock function, STOP/HALT mode, programmable pull-up ports
in which individual bits can be programmed, and a small, thin package, the MSM66577 family of microprocessors
is optimally suited for the system control of small-sized low power devices.
The flash ROM version (MSM66Q577LY) programmable with a single 3V power supply (3.0 to 3.6V) and flash
ROM version (MSM66Q577) programmable with a single 5V power supply (4.5 to 5.5V) are also included in the
family. These versions are easily adaptable to sudden specification changes and to new product versions.
APPLICATIONS
Digital Audio Control Systems
PC peripheral Control Systems
Office Electronics Control Systems
ORDERING INFORMATION
Order Code or Product Name
Package
Remark
MSM66577L-xxTB *1
Low voltage mask ROM version (2.4 to 3.6 V)
MSM66577-xxTB *1
5 V mask ROM version (4.5 to 5.5 V)
MSM66Q577LY-NTB *2
MSM66577L flash ROM version (3.0 to 3.6V)
MSM66Q577-NTB *2
100-pin plastic TQFP
(TQFP 100-P-1414-0.50-K)
MSM66577 flash ROM version (4.5 to 5.5 V)
*1 : The “xx” of “-xx” stands for the code number.
*2 : The “N” of “-N” stands for the flash ROM and the OTP ROM, blank version.
When OKI programs and ship the flash ROM and OTP, the part number is changed from ”–N” to ”–XX” (code
number ) , for example, MSM66Q577-999TB.


Similar Part No. - MSM66577

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
358Kb / 37P
16-Bit Microcontroller
MSM66577-TB OKI-MSM66577-TB Datasheet
358Kb / 37P
16-Bit Microcontroller
MSM66577L OKI-MSM66577L Datasheet
358Kb / 37P
16-Bit Microcontroller
MSM66577L-TB OKI-MSM66577L-TB Datasheet
358Kb / 37P
16-Bit Microcontroller
More results

Similar Description - MSM66577

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com