Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8152B-VB-CG Datasheet(PDF) 7 Page - Realtek Semiconductor Corp.

Part # RTL8152B-VB-CG
Description  INTEGRATED 10/100M ETHERNET CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8152B-VB-CG Datasheet(HTML) 7 Page - Realtek Semiconductor Corp.

Back Button RTL8152B-VB-CG Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RTL8152B-VB
Datasheet
Integrated 10/100M Ethernet Controller for USB Applications
3
Track ID: JATR-8275-15
Rev. 1.0
2.
Features
Hardware
Integrated 10/100M transceiver
Auto-Negotiation with Next Page capability
Supports USB 2.0 and 1.1
Supports pair swap/polarity/skew correction
Crossover Detection & Auto-Correction
Supports Wake-On-LAN and ‘RealWoW!’
(Wake-On-WAN) Technology (see note 1)
Supports ECMA-393 ECMA ProxZzzy
Standard for sleeping hosts (see note 1)
XTAL-Less Wake-On-LAN
Supports 25MHz or 48MHz external clock
(from oscillator or system clock source)
Supports power down/link down power
saving
Transmit/Receive on-chip buffer support
Embedded OTP memory
Built-in linear regulator (LDO)
Supports Customizable LEDs
Controllable LED Blinking Frequency and
Duty Cycle
Supports hardware CRC (Cyclic
Redundancy Check) function
LAN disable with GPIO pin
Supports LPM (Link Power Management)
SPI Flash Interface
Supports CDC-ECM
24-pin QFN ‘Green’ package
Software Offload
Microsoft NDIS5, NDIS6 Checksum
Offload (IPv4, IPv6, TCP, UDP) and
Segmentation Task-offload (Large send v1
and Large send v2) support
IEEE
Supports Full Duplex flow control
(IEEE 802.3x)
Fully compliant with IEEE 802.3,
IEEE 802.3u
Supports IEEE 802.1P Layer 2 Priority
Encoding
Supports IEEE 802.1Q VLAN tagging
Supports IEEE 802.3az-2010 (EEE)
Microsoft AOAC (Always On Always
Connected)
Supports 16-set 128-byte Wake-Up Frame
pattern exact matching
Supports link change wake up
Supports Microsoft WPD (Wake Packet
Detection)
Supports Protocol Offload (ARP & NS)
Intel CPPM (Converged Platform Power
Management)
Supports L1 with 3ms BESL
Supports selective suspend
Note 1. Select between RealWoW! or ECMA, only one
feature can be active at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com