Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8152B-VB-CG Datasheet(PDF) 13 Page - Realtek Semiconductor Corp.

Part # RTL8152B-VB-CG
Description  INTEGRATED 10/100M ETHERNET CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8152B-VB-CG Datasheet(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL8152B-VB-CG Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8152B-VB-CG Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
RTL8152B-VB
Datasheet
Integrated 10/100M Ethernet Controller for USB Applications
8
Track ID: JATR-8275-15
Rev. 1.0
6.2. Customizable LED Configuration
The RTL8152B-VB supports customizable LED operation modes via OCP register offset 0xDD90h.
Table 10 describes the different LED actions.
Table 10.
LED Select
Bit
Symbol
RW
Description
7:4
LEDSEL1
RW
LED Select for PINLED1
3:0
LEDSEL0
RW
LED Select for PINLED0
Configure OCP register offset 0xDD90h to support your own LED signals. For example, if the value in
the OCP offset 0xDD90 is 0xA1h (10100001b), the LED actions are:
• LED 0: On only in 10M mode, with no blinking during TX/RX
• LED 1: On only in 100M mode, with TX/RX blinking
Table 11.
Customized LEDs
LINK
ACT
Speed
Link 10M
Link 100M
-
LED 0
Bit 0
Bit 1
Bit 3
LED 1
Bit 4
Bit 5
Bit 7
Table 12.
LED Feature Control-1
Feature Control
Bit12
Bit13
Bit14
Bit15
0
LED0 Low Active
LED1 Low Active
RSVD
Indicates Option 1 of Table 14
is selected
1
LED0 High Active
LED1 High Active
RSVD
Indicates Option 2 of Table 14
is selected
Table 13.
LED Feature Control-2
LED Pin
ACT=0
ACT=1
LINK=0
Floating
All Speed ACT
LINK>0
Selected Speed LINK
Option 1 (see Table 14): Selected Speed LINK+ Selected Speed ACT
Option 2 (see Table 14): Selected Speed LINK+ All Speed ACT
Note 1: ACT means blinking TX and RX. LINK indicates Link 10M and Link 100M.
Note 2: There is a special mode: LED OFF Mode
Set all bits to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com