Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8153-VB-CG Datasheet(PDF) 8 Page - Realtek Semiconductor Corp.

Part # RTL8153-VB-CG
Description  INTEGRATED 10/100/1000M ETHERNET CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8153-VB-CG Datasheet(HTML) 8 Page - Realtek Semiconductor Corp.

Back Button RTL8153-VB-CG Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 12Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
RTL8153-VB
Datasheet
Integrated 10/100/1000M Ethernet Controller for USB Applications
3
Track ID: JATR-8275-15
Rev. 1.0
2.
Features
Hardware
Integrated 10/100/1000M transceiver
Auto-Negotiation with Next Page capability
Supports USB 3.0, 2.0, and 1.1
Supports CDC-ECM
Supports LPM (Link Power Management)
Supports pair swap/polarity/skew correction
Crossover Detection & Auto-Correction
Supports Wake-On-LAN and ‘RealWoW!’
(Wake-On-WAN) Technology (see note 1)
Supports ECMA-393 ECMA ProxZzzy
Standard for sleeping hosts (see note 1)
XTAL-Less Wake-On-LAN
Supports power down/link down power
saving
Transmit/Receive on-chip buffer support
EEPROM Interface
Embedded OTP memory can replace
external EEPROM
Built-in switching regulator and LDO
regulator
Supports Customizable LEDs
Supports hardware CRC (Cyclic
Redundancy Check) function
LAN disable with GPIO pin
Supports 25MHz or 48MHz external clock
(from oscillator or system clock source)
SPI Flash Interface
Supports Legacy PXE (eHCI and xHCI) &
UEFI PXE
48-pin QFN ‘Green’ package
Note 1. Select between RealWoW! or ECMA,
only one feature can be active at a time.
Software Offload
Microsoft NDIS5, NDIS6 Checksum
Offload (IPv4, IPv6, TCP, UDP) and
Segmentation Task-offload (Large send v1
and Large send v2) support
Supports jumbo frame to 9K bytes
IEEE
Supports Full Duplex flow control
(IEEE 802.3x)
Fully compliant with IEEE 802.3 and
IEEE 802.3u
Supports IEEE 802.1P Layer 2 Priority
Encoding
Supports IEEE 802.1Q VLAN tagging
Supports IEEE 802.3az-2010 (EEE)
Microsoft AOAC (Always On Always
Connected)
Supports 16-set 128-byte Wake-Up Frame
pattern exact matching
Supports link change wake up
Supports Microsoft WPD (Wake Packet
Detection)
Supports Protocol Offload (ARP & NS) at
all speeds
Intel CPPM (Converged Platform Power
Management)
Supports L1 with 3ms BESL (USB 2.0)
Dynamic LTM messaging (USB 3.0)
Supports U1/U2 (USB 3.0)
Supports selective suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com