Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8153-VB-CG Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # RTL8153-VB-CG
Description  INTEGRATED 10/100/1000M ETHERNET CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8153-VB-CG Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button RTL8153-VB-CG Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8153-VB-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
RTL8153-VB
Datasheet
Integrated 10/100/1000M Ethernet Controller for USB Applications
16
Track ID: JATR-8275-15
Rev. 1.3
6.13. XTAL-Less Wake-On-LAN
The RTL8153-VB supports board level design with an External 25MHz or 48MHz Clock Source instead
of the Crystal.
The external clock source may stop generating the clock when in suspend mode (S3/S4/S5). To support
the Wake-On-LAN function without an external clock source, the RTL8153-VB will automatically
change its source clock from the external clock to an internal self-oscillating auxiliary clock when it
enters suspend mode. Note that when in suspend mode, the auxiliary clock can establish only a 10Mbps
link and does not support ARP/NS offload and ECMA ProxZzzy.
6.14. LAN Disable Mode
The RTL8153-VB supports ‘LAN Disable Mode’ that can use an external signal to control whether the
NIC is enabled or disabled.
6.15. Always On Always Connected
The RTL8153-VB supports Microsoft’s AOAC (Always On Always Connected) model. The AOAC
platform can enter the system state ‘Connected Standby’ and allow the RTL8153-VB to enter a
low-power state. The RTL8153-VB will maintain Layer 2 connectivity and generate a wake signal when
one of the following conditions is satisfied:
• Link status becomes ‘connected’
• Link status becomes ‘disconnected’
• Receives a WOL pattern
• Receives a wildcard pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com