Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B156HTN02.1 Datasheet(PDF) 4 Page - AU Optronics Corp.,

Part # B156HTN02.1
Description  15.6 (15.55) FHD 16:9 Color TFT-LCD with LED Backlight design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

B156HTN02.1 Datasheet(HTML) 4 Page - AU Optronics Corp.,

  B156HTN02.1 Datasheet HTML 1Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 2Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 3Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 4Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 5Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 6Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 7Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 8Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 9Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4 of 31
AU OPTRONICS CORPORATION
Product Specification
B156HTN02.1 Document Version : 0.1
1. Handling Precautions
1) Since front polarizer is easily damaged, pay attention not to scratch it.
2) Be sure to turn off power supply when inserting or disconnecting from input
connector.
3) Wipe off water drop immediately. Long contact with water may cause
discoloration or spots.
4) When the panel surface is soiled, wipe it with absorbent cotton or other soft
cloth.
5) Since the panel is made of glass, it may break or crack if dropped or bumped
on hard surface.
6) Since CMOS LSI is used in this module, take care of static electricity and insure
human earth when handling.
7) Do not open nor modify the Module Assembly.
8) Do not press the reflector sheet at the back of the module to any directions.
9) At the insertion or removal of the Signal Interface Connector, be sure not to
rotate nor tilt the Interface Connector of the TFT Module.
11)After installation of the TFT Module into an enclosure (Notebook PC Bezel, for
example), do not twist nor bend the TFT Module even momentary. At designing
the enclosure, it should be taken into consideration that no bending/twisting
forces are applied to the TFT Module from outside.
Otherwise the TFT Module
may be damaged.
12)Small amount of materials having no flammability grade is used in the LCD module.
The LCD module should be supplied by power complied with requirements of Limited
Power Source (IEC60950 or UL1950), or be applied exemption.
13)Disconnecting power supply before handling LCD modules, it can prevent electric
shock, DO NOT TOUCH the electrode parts, cables, connectors and LED circuit part of
TFT module that a LED light bar build in as a light source of back light unit. It can
prevent electros tic breakdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com