Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B156HTN02.1 Datasheet(PDF) 9 Page - AU Optronics Corp.,

Part # B156HTN02.1
Description  15.6 (15.55) FHD 16:9 Color TFT-LCD with LED Backlight design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

B156HTN02.1 Datasheet(HTML) 9 Page - AU Optronics Corp.,

Back Button B156HTN02.1 Datasheet HTML 5Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 6Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 7Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 8Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 9Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 10Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 11Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 12Page - AU Optronics Corp., B156HTN02.1 Datasheet HTML 13Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9 of 31
AU OPTRONICS CORPORATION
Product Specification
B156HTN02.1 Document Version : 0.1
Note 8
: Definition of response time:
The output signals of BM-7 or equivalent are measured when the input signals are changed from “Black”
to “White” (falling time) and from “White” to “Black” (rising time), respectively. The response time interval
between the 10% and 90% of amplitudes. Refer to figure as below.
"Black"
Tr
Tf
"White"
"White"
0%
10%
90%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com