Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP6131DECR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 10Page - Texas Instruments TMP6131DECR Datasheet HTML 11Page - Texas Instruments TMP6131DECR Datasheet HTML 12Page - Texas Instruments TMP6131DECR Datasheet HTML 13Page - Texas Instruments TMP6131DECR Datasheet HTML 14Page - Texas Instruments TMP6131DECR Datasheet HTML 15Page - Texas Instruments TMP6131DECR Datasheet HTML 16Page - Texas Instruments TMP6131DECR Datasheet HTML 17Page - Texas Instruments TMP6131DECR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
0
R(T)
R(T ) (1
T)
D
u
'
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
1
2
3
4
5
d012
VNTC
VTMP61
VNTC with RP
14
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 15. TMP61 vs. NTC With Linearization Resistor (RP) Voltage Divider Circuits
Figure 16. NTC With and Without a Linearization Resistor vs. TMP61 Temperature Voltages
9.2.1.2.1
Thermal Compensation
The TMP61 can be used to compensate for components within systems whose characteristics vary over
temperature. For example, resistors will change with temperature based on their specified temperature
coefficient. In certain systems where these resistors are included in the feedback loop, the performance over
temperature may be greatly affected by the changes in resistance. Examples include components like those in
control systems within the feedback loop or linear dropout regulators with feedback resistors and solenoids or
coils with varying impedance. One implementation is to put the TMP61 in a feedback loop to compensate for
temperature drift, along with other resistive components to better control the temperature coefficient (α) of the
compensation circuit.
Equation 6 can describe this type of circuit:
where
•
R(T0) is the resistance
•
the temperature coefficient, α, is specified (25°C)
•
the change in temperature, ΔT, is the temperature of interest, T, minus T0 (25°C)
(6)
This circuit is shown in Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com