Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP6131DECR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 12Page - Texas Instruments TMP6131DECR Datasheet HTML 13Page - Texas Instruments TMP6131DECR Datasheet HTML 14Page - Texas Instruments TMP6131DECR Datasheet HTML 15Page - Texas Instruments TMP6131DECR Datasheet HTML 16Page - Texas Instruments TMP6131DECR Datasheet HTML 17Page - Texas Instruments TMP6131DECR Datasheet HTML 18Page - Texas Instruments TMP6131DECR Datasheet HTML 19Page - Texas Instruments TMP6131DECR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
OUT
TEMP
REF
V
G× V
+ (1 + G) × V
FB
1
R
G =
R
TMP61
TEMP
BIAS
TMP61
BIAS
R
V
= V
×
R
+ R
§
·
¨
¸
©
¹
16
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
rapidly reduced. To better control the temperature/voltage sensitivity of the TMP61, a rail-to-rail operational
amplifier is used. In the example shown in Figure 19, the temperature “knee” where the foldback begins is set by
the reference voltage (2.5 V) at the positive input, and the feedback resistors set the response of the foldback
curve. The foldback knee point may be chosen based on the output of the voltage divider and the corresponding
temperature from Equation 8 like 110°C, for example. A buffer is used in-between the voltage divider with RTMP61
and the input to the op amp to prevent loading and variations in VTEMP.
Figure 19. Thermal Foldback Using TMP61 Voltage Divider and a Rail-to-Rail Op Amp
The op amp will remain high as long as the voltage output is below VRef. When the temperature goes above
110°C, then the output will swing low to the 0-V rail of the op amp. The rate at which the foldback occurs is
dependent on the feedback network, RFB and R1, which varies the gain of the op amp, G, given by Equation 9.
This in return controls the voltage/temperature sensitivity of the circuit. This voltage output is fed into a LED
driver IC that will adjust output current accordingly. The final output voltage used for thermal foldback is VOUT,
and is given in Equation 10. In this example where the knee point is set at 110°C, the output voltage curve is as
shown in Figure 20.
(8)
(9)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com