Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM1623 Datasheet(PDF) 7 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1623
Description  LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1623 Datasheet(HTML) 7 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1623 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1623 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LED 驱动控制专用电路
TM1623
©Titan Micro Electronics
www.titanmec.com
- 7 -
V1.2
八、 键扫描和键扫数据寄存器:
该芯片最大支持的键扫矩阵为10×3bit,如下所示:
K1
K2
K3
KS1
KS2
KS3
KS4
KS5
KS6
KS7
KS8
KS9
KS10
图(3)
键扫数据储存地址如下所示
,先发读按键命令后,开始读取5字节的按键数据BYTE1—BYTE5,读数据从低位
开始输出
,其中B7和B6位为无效位固定输出为0。芯片K和KS引脚对应的按键按下时,相对应的字节内的BIT位为
1。
B0
B1
B2
B3
B4
B5
B6
B7
K1
K2
K3
K1
K2
K3
X
X
KS1
KS2
0
0
BYTE1
KS3
KS4
0
0
BYTE2
KS5
KS6
0
0
BYTE3
KS7
KS8
0
0
BYTE4
KS9
KS10
0
0
BYTE5
图(
4)
▲注意:1、TM1623最多可以读5个字节,不允许多读。
2、读数据字节只能按顺序从BYTE1-BYTE5读取,不可跨字节读。例如:硬件上的K2与KS10对应按
键按下时,此时想要读到此按键数据,必须需要读到第5个字节的第5BIT位,才可读出数据。
九、按键:
(1)按键扫描:键扫描由TM1623自动完成,不受用户控制,用户只需要按照时序读键值。完成一次键扫
需要2个显示周期,一个显示周期大概需要T=4ms,在8ms内先后按下了2个不同的按键,2次读到的键值都是先按下
的那个按键的键值。7位11段模式下,IC在键盘扫描时候SEG1/KS1~SEG10/KS10的波形如图(10)
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG9/KS9
SEG10/KS10
SEG8/KS8
66us
528us
4ms
4ms
图(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com