Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE810BA Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE810BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE810BA Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE810BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV1.0
1
J-3-1
N-Channel Enhancement Mode
Field Effect Transistor
PE810BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
G
D
S
100% UIS Tested
100% Rg Tested
G
S
S
S
#1
D
D
D D
Features
• Pb−Free, Halogen Free and RoHS compliant.
• Low R
DS(on) to Minimize Conduction Losses.
• Ohmic Region Good R
DS(on) Ratio.
• Optimized Gate Charge to Minimize Switching Losses.
Applications
• Protection Circuits Applications.
• Logic/Load Switch Circuits Applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
4
TC = 25 °C
ID
75
A
TC = 100 °C
47
Pulsed Drain Current
1
IDM
130
Continuous Drain Current
4
TA = 25 °C
ID
22
TA = 70 °C
17
Avalanche Current
IAS
37
Avalanche Energy
L = 0.1mH
EAS
68.4
mJ
Power Dissipation
TC = 25 °C
PD
37
W
TC = 100 °C
15
Power Dissipation
3
TA = 25 °C
PD
3.2
W
TA = 70 °C
2.1
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
G. GATE
D. DRAIN
S. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30V
3.7mΩ
75A


Similar Part No. - PE810BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PE811 STMICROELECTRONICS-PE811 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results

Similar Description - PE810BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com