Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE810BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PE810BA
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE810BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE810BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PE810BA Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REV1.0
2
J-3-1
N-Channel Enhancement Mode
Field Effect Transistor
PE810BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
2
t ≦10s
RJA
38
°C / W
Junction-to-Ambient
2
Steady-State
RJA
80
Junction-to-Case
Steady-State
RJC
3.3
1Pulse width limited by maximum junction temperature.
2The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.
3The Power dissipation is based on R
JA t ≦10s value.
4Package limitation current is 33A.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
1.3
1.9
2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
1
A
VDS = 30V, VGS = 0V, TJ = 55 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 13A
3.6
6
VGS = 10V, ID = 13A
2.9
3.7
Forward Transconductance
1
gfs
VDS = 5V, ID = 13A
72.5
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 15V, f = 1MHz
2214
pF
Output Capacitance
Coss
814
Reverse Transfer Capacitance
Crss
59
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
0.78
Ω
Total Gate Charge
2
Qg
VGS = 10V
VDS = 15V , VGS = 10V,
ID = 13A
40
nC
VGS = 4.5V
20
Gate-Source Charge
2
Qgs
5.8
Gate-Drain Charge
2
Qgd
8.2
Turn-On Delay Time
2
td(on)
VDS = 15V ,
ID  13A, VGS = 10V, RGEN =6Ω
18
nS
Rise Time
2
tr
75
Turn-Off Delay Time
2
td(off)
54
Fall Time
2
tf
65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com