Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS4422 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS4422
Description  Single N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4422 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS4422 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS4422
Rev. 1.4
4/6
6.
Thermal Data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
Max.
75
℃/W
7.
Electrical Characteristics
Electrical Characteristics @Tj = 25℃ ( unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
30
-
-
V
RDS(ON)
1
Static Drain-Source On-Resistance
2
VGS = 10V, ID = 11A
-
12.6
20
mΩ
VGS = 4.5V, ID = 10A
-
19.6
26
mΩ
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
1.3
1.8
2.5
V
IDSS
Drain-Source Leakage Current (Tj = 25℃)
VDS =30V VGS = 0V
-
-
1
uA
Drain-Source Leakage Current (Tj = 85℃)
VDS =30V VGS = 0V
-
-
5
uA
IGSS
Gate-Source Leakage
VGS = ±20V VDS =0V
-
-
100
nA
Diode Characteristics
VSD
1
Diode Forward Voltage
ISD=1A,VGS=0V
0.75
1.0
V
trr
Reverse Recovery Time
ISD=11A,dISD/dt=100A/
μs
17.5
21
ns
Qrr
Reverse Recovery Charge
9.3
12
nC
Dynamic Characteristics
2
RG
Gate Resistance
VGS=VDS=0V,F=1MHz
0.5
0.7
0.85
Ω
Ciss
Input Capacitance
VGS=0V,VDS=15V
Frequency=1MHz
800
104
0
125
0
pF
Coss
Output Capacitance
140
180
220
Crss
Reverse Transfer Capacitance
80
110
140
td(on)
Turn-on Delay Time
VGS=10V,VDS=15V,
RG=3Ω,RL=1.35Ω,
IDS=1A
4.5
6.5
ns
tr
Turn-on Rise Time
3,9
5.5
td(off)
Turn-off Delay Time
17.4
25
tf
Turn-off Rise Time
3.2
5
Gate Charge Characteristics
2
Qg(10V)
Total Gate Charge
VGS=10V,VDS=15V,
IDS=11A
15
19.8
24
nC
Qg(4.5V)
Total Gate Charge
7
9.8
12
Qgs
Gate-Source Charge
2.5
Qgd
Gate-Drain Charge
3.5
Notes:
1.
Pulse width ≦ 300us, duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com