Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS4422 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS4422
Description  Single N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4422 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS4422 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4422 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FS4422
Rev. 1.4
5/6
8.
Typical Characteristics
BVDSS
35
36
37
38
39
40
41
42
0
200
400
600
800
1000
1200
DrainSource Current ( uA)
25deg
125deg
VSD
0
0.5
1
1.5
2
2.5
3
3.5
0.4
0.5
0.6
0.7
0.8
0.9
Voltage ( V)
25deg
125deg
Fig 1. Drain-Source Breakdown Voltage
Fig 2. Doide Forward Voltage
RDS_IDS=11A
0
10
20
30
40
50
02
4
6
8
10
12
Gate Source Voltage ( V )
25deg
125deg
RDS_IDS=8A
0
5
10
15
20
25
30
35
40
02
4
6
8
10
12
Gate Source Voltage ( V)
25deg
125deg
Fig 3.Static Drain-Source On-Resistance
Fig 4. Static Drain-Source On-Resistance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com