Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACCTEE Datasheet(PDF) 5 Page - TOKYO SEIMITSU CO., LTD

Part # ACCTEE
Description  New Measurement Style with New Concept
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

ACCTEE Datasheet(HTML) 5 Page - TOKYO SEIMITSU CO., LTD

  ACCTEE Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Analysis condition display
Preview display of changed analysis condition
ACCTee detects the maximum point (minimum point) and automatically
shifts the stylus to the maximum point (minimum point ) as the peak and
valley function traces the cylindrical profile, convex, concave, and spheri-
cal profile using the stylus. In manual operation, the position is reported by
an alarm.
Roughness Peak and Valley Detection Function
As the profile traced by the roughness stylus is
displayed, the measurement area can be set on
the screen.
Roughness Curve Trace Display
Level differences can be measured on the
concave and convex profile. The measurement,
average height, maximum height, minimum
height, and area can be calculated from the data.
Level Difference Parameter
The degree of wear can be calculated by overlap-
ping and
displaying two roughness curves and calculating
the differences between the data.
Wear-out Analysis for Roughness Curve Data
Rich measurement/analysis functions Beginner friendly Wide variety of guidance function
Analysis condition change function of ACCTee allows for setting/changing the surface texture parameter calculation standard,
or the cut-off filter, the notch level, the deletion length and so on.
Additionally this allows for setting a freely selected value to the range of waviness data employed for the surface texture parameter calculation.
Preview function implemented in the selection of form removal (tilt correction) allows for selection of the most appropriate form removal condition
The function implemented allows for clearing the setting ranges and conditions easily.
Outstanding high operability
57
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com