Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACCTEE Datasheet(PDF) 10 Page - TOKYO SEIMITSU CO., LTD

Part # ACCTEE
Description  New Measurement Style with New Concept
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

ACCTEE Datasheet(HTML) 10 Page - TOKYO SEIMITSU CO., LTD

Back Button ACCTEE Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD ACCTEE Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Surface Texture – Contour
Measuring Instruments
Software
Data processing software
Contour Profile Measurement and Analysis System
Pitch calculation Input range
Pitch calculation Calculation result
Master ball calibration unit
Since the probe moves in a circular motion vertically around
the support on the contour measuring instrument's probe arm,
error will be produced in the X-axis data because the probe
tip position also moves in the X-axis direction. These error
elements must be corrected in order to achieve high measur-
ing accuracy. The ACCRETECH contour measuring system
performs calibration using a master ball calibration unit which
enables simple circle error as well as tip R error calibration.
Masterball calibration function
Circle Correction Calculation
Although the contour measuring instrument's probe tip is R-shaped, tip R-correction is indispensable for high measuring accuracy.
Measurements are taken from the center of probe tip R and correction is performed by offsetting in the normal direction at 11 dividing
points on the tip. Though there is no problem with fixed quantity correction when probe tip R is near maximal generalized roundness
zero, large errors can occur in the correction amount due to tip R processing tolerance error or wear after long term use.
Tip R-Correction
Stylus calibration is performed by the masterball calibration
unit. During masterball measurement and level difference
measurement, tip R correction and arc error correction can
be executed automatically or manually. The wizard takes you
through all necessary steps in the
following order: calibration condition (inputting reference
value) setting, placement of the calibration unit, confirmation
of measurement start point, and execution of calibration.
Stylus Calibration Wizard
Calibration can be specified at any time.. In addition to the
stylus replacement time, a calibration alert based on mea-
surement frequencies or elapsed time is displayed periodically,
ensuring accurate, stable measurement on a continuous basis.
Calibration Alert
When analyzing the same profile repeatedly, it is possible to
switch from manual operation to targeted analysis during CNC
execution by setting the condition for recalculation, enabling
detailed analysis.
Calculation Point Manual Input
For the same multiple profiles composed of circles and straight
lines, the pitch between line intersections or the pitch between
circle centers can be automatically output just by specifying
the arc with the mouse. Analysis efficiency can be improved by
using the dimension line auto output function at the same time.
Pitch Calculation Function
Workpiece
height
X-direction deviation
Probe arm support
Figure b
Profile when new
Profile after wear
Master ball correction screen
Probe
Probe R center locus
Probe R center locus
Probe R-correction
only in normal direction
Post-correction data
Figure a
62
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com