Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM-K-SH-109DM-2C-R Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SM-K-SH-109DM-2C-R
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SM-K-SH-109DM-2C-R Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SM-K-SH-109DM-2C-R Datasheet HTML 1Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 2Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 3Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Safety Approval
SANYOU RELAYS
1,000 ,000 cycles
Electrical
(at 360 ops./h)
100 ,000 cycles
Relays for advanced technology
Magnetic Latching Relay
980m s
/
SM-K-Series
UL,C-UL File No:wating
VDE File No:wating
● 16 contact swtching capability
A
Silver alloy
≤20m (1A2 4VDC)
Ω
≤10ms
≤10ms
1,000MΩ Min.(500VDC)
Between open contacts: 1000VAC 1 Min.
Between coil and contanct:
:
Functional
Destructive
Mechanical (at 3600 ops./h)
- 40℃~+85℃ (no condensation)
Approx.13.5g
SM-K
16A 250VAC
20A
250VAC
5,000VA
Max.switching current
Max.switching voltage
Max.switching power
Characteristic Data
Contact capacity
Contact material
lnitial contact resistance
Operate time(at nominal volt.)
lnsulation Resistance
lnitial dielectric strength
Ambient temperature
Nominal swtching resistance(res.load)
Vibration resistance
Shock resistance
Endurance
Unit weight
Model
1/4
Version: V1.2
● Magnetic latching relay
● Environmental friendly product (RoHS Compliant)
● Outline Dimensions:(29.0x13.0x16.0)mm
4000VAC 1 Min.
10~55HZ at double amplitude of 1.5 mm.
2
98m s
/ 2
CQC File No:wating
SANYOURELAYS
Release time(at nominal volt.)
(at room temperature)
(at room temperature)


Similar Part No. - SM-K-SH-109DM-2C-R

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
logo
Riedon Powertron
SM-10 RIEDON-SM-10 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
FOTEK CONTROLS CO., LTD...
SM-10 FOTEK-SM-10 Datasheet
2Mb / 4P
DIN 24x48/72x72/96x48 Tachometer & Line speed meter
logo
Danley Sound Labs. All ...
SM-100F DANLEY-SM-100F Datasheet
297Kb / 2P
SYNERGY HORN FULL RANGE LOUDSPEAKERS
More results

Similar Description - SM-K-SH-109DM-2C-R

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com