Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM-K-SH-109DM-2C-R Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SM-K-SH-109DM-2C-R
Description  Magnetic Latching Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SM-K-SH-109DM-2C-R Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SM-K-SH-109DM-2C-R Datasheet HTML 1Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 2Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 3Page - Sanyou Corporation Limited SM-K-SH-109DM-2C-R Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering lnformation
SM-K
2/4
42
60
135
240
886
Coil resistance
Operate voltage
(
)
Max
Release voltage
(
)
Max
Nonminal voltage
(
)
VDC
5
6
9
12
24
3
80% of
nominal
15
Dual coils(0.6W)
Approval
File No.
Safety Approval Ratings (Note:More detail of approval ratings,please refer to the safety certification)
VDE
UL
Approved ratings
16A 250VAC
16A 250VAC
Nomenclature
SM K
- -S - 1 12 D M 1 -1C -R
Type Designation: SM-K
Protective Construction
: S-Flux proofed,SH-Sealed type washable
Number of Poles:
1-1 Pole
Special Parameter: Nil-Standard tupe,Letter or number-Special requirement
Coil Type:
1C-Single coil, 2C-Dual coils
Contact Material:Nil-AgSnO2
Contact Form:
Nil-Foem C,M-Form A,B-Form B
Coil Power:D-0.4W(Single coil);0.6W(Dual coils)
Coil Voltage (VDC): 03,05,06,09,12,24
wating
wating
Pulse duration
ms
≥50
≥50
≥50
≥50
≥50
≥50
CQC
16A 250VAC
wating
voltage
80% of
nominal
voltage
80% of
nominal
voltage
42
60
135
240
886
15
-XX
Polarity:
R-reverse p
, Nil-positive
olarity
polarity
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
Coil Data (at 20℃)
Single coil(0.4W)
Coil resistance
Operate voltage
Release voltage
Pulse duration
(
)
Max.
(
)
Max
(
)
VDC
62.5
5
90
6
202.5
9
360
12
1440
24
ms
Nonminal voltage
≥50
≥50
≥50
≥50
≥50
≥50
80% of
nominal
voltage
80% of
nominal
voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com