Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMB55A03G Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMB55A03G
Description  Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB55A03G Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMB55A03G Datasheet HTML 1Page - Excelliance MOS Corp. EMB55A03G Datasheet HTML 2Page - Excelliance MOS Corp. EMB55A03G Datasheet HTML 3Page - Excelliance MOS Corp. EMB55A03G Datasheet HTML 4Page - Excelliance MOS Corp. EMB55A03G Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
2013/8/30 
p.1 
EMB55A03G
Dual N‐Channel Logic Level Enhancement Mode Field Effect Transistor
 
Product Summary: 
BVDSS 
30V 
RDSON (MAX.) 
55mΩ 
ID 
4.5A 
 
UIS, 100% Tested 
Pb‐Free Lead Plating & Halogen Free 
 
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted) 
PARAMETERS/TEST CONDITIONS 
SYMBOL 
LIMITS 
UNIT 
Gate‐Source Voltage 
VGS 
±20 
V 
Continuous Drain Current 
TA = 25 °C 
ID 
4.5 
A 
TA = 70 °C 
3.3 
Pulsed Drain Current
1 
IDM 
18 
Avalanche Current 
IAS 
4.5 
Avalanche Energy 
L = 0.1mH, ID=4.5A, RG=25Ω 
EAS 
1 
mJ 
Repetitive Avalanche Energy
2 
L = 0.05mH 
EAR 
0.5 
Power Dissipation 
TA = 25 °C 
PD 
2 
W 
TA = 70 °C 
1.3 
Operating Junction & Storage Temperature Range 
Tj, Tstg ‐55 to 150 
°C 
THERMAL RESISTANCE RATINGS 
THERMAL RESISTANCE 
SYMBOL 
TYPICAL 
MAXIMUM 
UNIT 
Junction‐to‐Case 
RJC 
 
25 
°C / W 
Junction‐to‐Ambient
3 
RJA 
 
62.5 
1Pulse width limited by maximum junction temperature. 
2Duty cycle  1% 
362.5°C / W when mounted on a 1 in2 pad of 2 oz copper. 
 


Similar Part No. - EMB55A03G

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB55N03J EXCELLIANCE-EMB55N03J Datasheet
213Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB55N03JS EXCELLIANCE-EMB55N03JS Datasheet
234Kb / 5P
N‐Channel Logic Level Enhancement Mode Field Effect Transistor
2016/10/28
EMB55N06G EXCELLIANCE-EMB55N06G Datasheet
184Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB55A03G

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB17A03H EXCELLIANCE-EMB17A03H Datasheet
218Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21A03V EXCELLIANCE-EMB21A03V Datasheet
185Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22A04G EXCELLIANCE-EMB22A04G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5A10G EXCELLIANCE-EMBA5A10G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBJ7A25V EXCELLIANCE-EMBJ7A25V Datasheet
182Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF14A02V EXCELLIANCE-EMF14A02V Datasheet
219Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30G02K EXCELLIANCE-EMF30G02K Datasheet
226Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF50A02VA EXCELLIANCE-EMF50A02VA Datasheet
201Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZF20A02V EXCELLIANCE-EMZF20A02V Datasheet
191Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com