Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LI-JETSON-KIT-RAA462113CS Datasheet(PDF) 6 Page - Leopard Imaging Inc.

Part # LI-JETSON-KIT-RAA462113CS
Description  Nvidia Jetson TX1/TX2 Developer Kit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEOPARD [Leopard Imaging Inc.]
Direct Link  https://leopardimaging.com/
Logo LEOPARD - Leopard Imaging Inc.

LI-JETSON-KIT-RAA462113CS Datasheet(HTML) 6 Page - Leopard Imaging Inc.

Back Button LI-JETSON-KIT-RAA462113CS Datasheet HTML 2Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 3Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 4Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 5Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 6Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 7Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 8Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 9Page - Leopard Imaging Inc. LI-JETSON-KIT-RAA462113CS Datasheet HTML 10Page - Leopard Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LI- RAA462113-MIPI-CS
Camera Spec
Image Sensor
Renesas 8MP CMOS Image Sensor RAA462113
Optical format
1/1.9”
Number of effective pixels
3872 (H) x 2192 (V)
Pixel size
1.85um (H) x 1.85um (V)
Color or Mono
Color
Interface
MIPI interface
Lens mount
CS (lens not included)
Weight (without lens)
20 g
Interfaces
Interface J4:
 Part#: 20525-030E-02C
 Number of Positions: 30
 Pitch: 0.4mm
 Mating I-PEX cable: FAW-
1233-03 (300mm)
Interface J8:
 Part#: 1734829-2
 Number of Positions: 2
 Pitch: 1.25mm
Interface J2:
 Part#: 20021321-
00010C4LF
 Number of Positions: 10
 Pitch: 1.27mm
Leopard Imaging Inc.
48820 Kato Road, Suite 100B, Fremont, CA 94538, USA
Phone: +1-408-263-0988
Fax: +1-408-217-1960
Email: sales@leopardimaging.com
Website: www.leopardimaging.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com